Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 22Page - Monolithic Power Systems MP3326 Datasheet HTML 23Page - Monolithic Power Systems MP3326 Datasheet HTML 24Page - Monolithic Power Systems MP3326 Datasheet HTML 25Page - Monolithic Power Systems MP3326 Datasheet HTML 26Page - Monolithic Power Systems MP3326 Datasheet HTML 27Page - Monolithic Power Systems MP3326 Datasheet HTML 28Page - Monolithic Power Systems MP3326 Datasheet HTML 29Page - Monolithic Power Systems MP3326 Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
26
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Channel 5 PWM Dimming Duty Setting Register (LSB)
Addr: 0x17
Bits
Bit Name
Access
Default
Description
7:4
RESERVED
R
0000
Reserved.
3:0
PWM5[3:0]
R/W
1111
Channel 5 LED current PWM dimming duty setting register, 4LSB.
The dimming duty only changes when the 8MSB are written.
Channel 5 PWM Dimming Duty Setting Register (MSB)
Addr: 0x18
Bits
Bit Name
Access
Default
Description
7:0
PWM5[11:4]
R/W
11111111
Channel 5 LED current PWM dimming duty setting register, 8MSB.
The dimming duty only changes when the 8MSB are written.
Channel 6 LED Current Setting Register
Addr: 0x19
Bits
Bit Name
Access
Default
Description
7:6
RESERVED
R
00
Reserved.
5:0
ICH6[5:0]
R/W
111111
Channel 6 LED current analog dimming register. The current can be
calculated with the following equation:
LED
Code
I
=
ISET
63
Channel 6 PWM Dimming Duty Setting Register (LSB)
Addr: 0x1A
Bits
Bit Name
Access
Default
Description
7:4
RESERVED
R
0000
Reserved.
3:0
PWM6[3:0]
R/W
1111
Channel 6 LED current PWM dimming duty setting register, 4LSB.
The dimming duty only changes when the 8MSB are written.
Channel 6 PWM Dimming Duty Setting Register (MSB)
Addr: 0x1B
Bits
Bit Name
Access
Default
Description
7:0
PWM6[11:4]
R/W
11111111
Channel 6 LED current PWM dimming duty setting register, 8MSB.
The dimming duty only changes when the 8MSB are written.
Channel 7 LED Current Setting Register
Addr: 0x1C
Bits
Bit Name
Access
Default
Description
7:6
RESERVED
R
00
Reserved.
5:0
ICH7[5:0]
R/W
111111
Channel 7 LED current analog dimming register. The current can be
calculated with the following equation:
LED
Code
I
=
ISET
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com