Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 2Page - Monolithic Power Systems MP3326 Datasheet HTML 3Page - Monolithic Power Systems MP3326 Datasheet HTML 4Page - Monolithic Power Systems MP3326 Datasheet HTML 5Page - Monolithic Power Systems MP3326 Datasheet HTML 6Page - Monolithic Power Systems MP3326 Datasheet HTML 7Page - Monolithic Power Systems MP3326 Datasheet HTML 8Page - Monolithic Power Systems MP3326 Datasheet HTML 9Page - Monolithic Power Systems MP3326 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
6
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, VEN = 3.5V, TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage
Input voltage range
VIN
4
16
V
Quiescent supply current
IQ
4
mA
Shutdown supply current
IST
VEN = 0V, VIN = 16V
2
μA
Input UVLO threshold
VIN_UVLO
Rising edge
3.45
3.7
3.95
V
Falling edge
3.15
3.5
3.85
V
Enable
EN rising threshold
VEN_ON
EN rising
2.1
V
EN falling threshold
VEN_OFF
EN falling
0.8
V
EN pull-down resistor
REN
1
RFSH/FLT
RFSH/FLT output frequency
fRFSH
FRFSH9:0 = 0x1A9,
FPWM2:0 = 01
285
300
315
Hz
RFSH/FLT pull-down
resistor
FLTEN = 1, fault is triggered
100
Ω
LED Regulator
ISET voltage
VISET
1.174
1.2
1.226
V
LED current
ILED
RISET = 20k
Ω,
ICHX, bits[5:0] = 0x3F
-2%
25
+2%
mA
Current sink headroom
VLEDX
ILED = 25mA
150
210
mV
Dimming
PWM frequency
fPWM
230
245
260
Hz
PWM duty step
tPWM
12-bit resolution, fPWM = 250Hz
0.97
μs
Phase shift
tDELAY
PS, EN = 1
40
μs
LED current step
ILED = 25mA,
analog dimming step
0.4
mA
LED current slew rate in
PWM dimming
SLEW, bits [1:0] = 01,
rising edge
5
μs
SLEW, bits [1:0] = 11,
rising edge
20
μs
Protection
LED string short protection
threshold
VSLP
STH, bits[1:0] = 01
2.75
3
3.25
V
LED string short protection
time
tSLP
VLEDX > STH
4
ms
LED string short protection
hiccup time
tSLP_HICCUP
1
ms
LED string short protection
hiccup detection time
VSLP_DET
32
μs
LED string open-load
protection threshold
VLED_UV
100
160
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com