Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3326 Datasheet HTML 1Page - Monolithic Power Systems MP3326 Datasheet HTML 2Page - Monolithic Power Systems MP3326 Datasheet HTML 3Page - Monolithic Power Systems MP3326 Datasheet HTML 4Page - Monolithic Power Systems MP3326 Datasheet HTML 5Page - Monolithic Power Systems MP3326 Datasheet HTML 6Page - Monolithic Power Systems MP3326 Datasheet HTML 7Page - Monolithic Power Systems MP3326 Datasheet HTML 8Page - Monolithic Power Systems MP3326 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
4
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
RFSH/FLT
Refresh signal output or fault flag. If FLTEN = 0, the RFSH/FLT pin outputs a
synchronized signal set by the FRFSH register. If FLTEN = 1, the RFSH/FLT pin indicates
a fault condition, and this pin is pulled low if a fault is triggered.
2
EN
Enable. Pull EN low to disable the IC; pull EN high to enable the IC.
3
SCL
I2C interface clock input.
4
SDA
I2C interface data input.
5
ADDR
I2C address setting. Connect a resistor to ADDR and GND to configure the 4LSB of the
I2C address. There are 10 configurable addresses.
6
ISET
LED current setting. Connect a current-setting resistor from this pin to ground to configure
the current in each LED string.
7
LED1
LED channel 1 current input. Connect the LED channel 1 cathode to this pin.
8
LED2
LED channel 2 current input. Connect the LED channel 2 cathode to this pin.
9
LED3
LED channel 3 current input. Connect the LED channel 3 cathode to this pin.
10
LED4
LED channel 4 current input. Connect the LED channel 4 cathode to this pin.
11
LED5
LED channel 5 current input. Connect the LED channel 5 cathode to this pin.
12
LED6
LED channel 6 current input. Connect the LED channel 6 cathode to this pin.
13
LED7
LED channel 7 current input. Connect the LED channel 7 cathode to this pin.
14
GND
Ground.
15
LED8
LED channel 8 current input. Connect the LED channel 8 cathode to this pin.
16
LED9
LED channel 9 current input. Connect the LED channel 9 cathode to this pin.
17
LED10
LED channel 10 current input. Connect the LED channel 10 cathode to this pin.
18
LED11
LED channel 11 current input. Connect the LED channel 11 cathode to this pin.
19
LED12
LED channel 12 current input. Connect the LED channel 12 cathode to this pin.
20
LED13
LED channel 13 current input. Connect the LED channel 13 cathode to this pin.
21
LED14
LED channel 14 current input. Connect the LED channel 14 cathode to this pin.
22
LED15
LED channel 15 current input. Connect the LED channel 15 cathode to this pin.
23
LED16
LED channel 16 current input. Connect the LED channel 16 cathode to this pin.
24
VIN
Power supply input. VIN supplies the power to the IC, and must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com