Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5012 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC5012
Description  High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5012 Datasheet(HTML) 1 Page - Semtech Corporation

  SC5012 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2012 Semtech Corporation
POWER MANAGEMENT
1
SC5012
High Efficiency 4-Ch, 150mA/Ch LED Driver with
I2C Interface and Phase-Shifted PWM Dimming
Revision 2.2
Features
Input Voltage — 4.75V to 45V
Output Voltage — Up to 65V
Step-up (Boost) Controller
Ultra-Fast Transient Response
Programmable Switching Frequency
External Sync Frequency for Boost Controller
Linear Current Sinks
4 Strings, up to 150mA/String
Current Matching ±1%
Current Accuracy ±2%
PWM Dimming
String-by-String Phase Shifting
Dimming Frequency 100Hz-30kHz
User Selectable 9 or 10 Bits Dimming Resolution
Optional Synchronization to VSYNC/HSYNC Signal
External Frequency Synchronization, FSYNC
8-bit Analog Dimming
I2C Interface
Fault Status — Open/Short LED, OTP
Device Control: SYNC Freq, PLL Setting
Protection Features
Open/Shorted LED(s) and adjustable OVP
Over-Temperature
4mm X 4mm 24 Ld QFN Package
Applications
Medium-sized LCD Panel
Automotive Car Navigation/Information Display
LCD Monitors
Description
The SC5012 is a 4-channel high-precision, high-efficiency
step-up (Boost) HB LED driver designed for backlight
applications. It features wide input voltage range (4.75V to
45V) , flexible output configuration, wide analog and PWM
dimming range, phase shifting, optional fading, external
boost controller frequency synchronization (FSYNC), I2C
interface, and numerous protection features.
The boost controller, with programmable switching fre-
quency from 200kHz to 2.2MHz, can maximize efficiency
by dynamically minimizing the output voltage while
maintaining LED string current accuracy. It provides excel-
lent line and load response with no external compensa-
tion components. Each linear current sink is matched
within ±1% for superb lighting uniformity, and the accu-
racy of each string current is ±2%. An external resistor
adjusts the current from 40-150mA per string. It also fea-
tures PWM dimming resolution of 9 or 10 bits (user select-
able) over a dimming frequency from 100Hz to 20kHz,
synchronized to the SYNC signal or the boost oscillator.
String-by-string phase shifting reduces the demand on
the input/output capacitance, decreases EMI, and
improves dimming linearity.
SC5012 is available in 4mm X 4mm 24 Ld QFN package.
Typical Application Circuit
DRVN
CS
AG ND
ISET
FSET
CPLL
SCP
VIN
SC 5012
PW M I
PW M I
R15
R4
R5
FLT
C21
VLDO
FLT
VCC
SS
SDA
PG ND
R8
R7
C4
R6
R 9
Q 1
C 1
L1
SYNC
SYNC
O VP
R10
R11
VOUT up
to 65V
VIN 4.75 to 45V
Up to
150m A/CH
I2C
SCL
I2C
IO 1
IO 2
IO 3
C 6
IO 4
FSYNC
FSYNC
EN
C22
R24
C20
VLDO


Similar Part No. - SC5012

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
More results

Similar Description - SC5012

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010 SEMTECH-SC5010 Datasheet
905Kb / 36P
High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Monolithic Power System...
MP3336 MPS-MP3336 Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Maxim Integrated Produc...
MAX20056BEVKIT MAXIM-MAX20056BEVKIT Datasheet
1Mb / 10P
Demonstrates Both Phase-Shifted and Direct PWM Dimming
Rev 0; 2/19
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
MP3326 MPS-MP3326 Datasheet
1,009Kb / 36P
16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
Rev. 1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com