Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1352 Datasheet (PDF) - Zetex Semiconductors

ZXLD1352 Datasheet PDF - Zetex Semiconductors
Part # ZXLD1352
Download  ZXLD1352 Download
File Size   655.14 Kbytes
Page   22 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 350mA LED driver with internal switch and enhanced PWM dimming range

ZXLD1352 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1352 Datasheet PDF - Zetex Semiconductors

Part # ZXLD1352
Download  ZXLD1352 Click to download

File Size   655.14 Kbytes
Page   22 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 350mA LED driver with internal switch and enhanced PWM dimming range

ZXLD1352 Datasheet (HTML) - Zetex Semiconductors


ZXLD1352 Product details

Description

The ZXLD1352 is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input supply between 7V and 30V and provides an externally adjustable output current of up to 350mA. Depending upon supply voltage and external components, this can provide up to 8 watts of output power.

The ZXLD1352 includes the output switch and a high-side output current sensing circuit, which uses an external resistor to set the nominal average output current.



Features

• Simple low parts count

• Internal 30V NDMOS switch

• 350mA output current

• Single pin on/off and brightness control using DC voltage or PWM

• 1000:1 PWM dimming range

• Soft-start

• High efficiency (up to 95%(*))

• Wide input voltage range: 7V to 30V

• 40V transient capability

• Output shutdown

• Up to 1MHz switching frequency

• Inherent open-circuit LED protection

• Typical 4% output current accuracy



Applications

• Low voltage halogen replacement LEDs

• Automotive lighting

• Low voltage industrial lighting

• LED back-up lighting

• Illuminated signs



 




Similar Part No. - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
Rev 3
More results


Similar Description - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Maxim Integrated Produc...
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
Rev 3
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Supertex, Inc
HV9963 SUTEX-HV9963 Datasheet
725Kb / 12P
Closed Loop LED Driver with Enhanced PWM Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com