Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16836 Datasheet (PDF) - Maxim Integrated Products

MAX16836 Datasheet PDF - Maxim Integrated Products
Part # MAX16836
Download  MAX16836 Download
File Size   176.89 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator

MAX16836 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16836 Datasheet PDF - Maxim Integrated Products

Part # MAX16836
Download  MAX16836 Click to download

File Size   176.89 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator

MAX16836 Datasheet (HTML) - Maxim Integrated Products


MAX16836 Product details

General Description
The MAX16836 current regulator operates from a 6.5V to 40V input-voltage range and delivers up to a total of 350mA to one or more strings of high-brightness LEDs (HB LEDs). The output current of the MAX16836 is adjusted by using an external current-sense resistor in series with the LEDs. A dimming input allows wide-range “pulsed” PWM operation. Wave-shaping circuitry reduces EMI. The differential current-sense input increases noise immunity. The MAX16836 is well suited for applications requiring a high-voltage input and is able to withstand automotive load-dump events up to 40V. An on-board pass element minimizes external components while providing ±3.5% output-current accuracy. Additional features include a 5V regulated output and short-circuit and thermal protection.

Features
♦ +6.5V to +40V Operating Range
♦ Adjustable LED Current (35mA to 350mA)
♦ ±3.5% LED Current Accuracy
♦ High-Voltage DIM Pin for Dimming Interface
♦ Integrated Pass Element with Low-Dropout Voltage (0.55V typ)
♦ +5V Regulated Output with 4mA Source Capability
♦ Parallel Operation for LED Current > 350mA
♦ Differential LED Current Sense
♦ Low Shutdown Supply Current (35µA typ)
♦ Low 200mV Current-Sense Reference Reduces Power Losses
♦ Wave-Shaped Edges Reduce Radiated EMI During PWM Dimming
♦ Thermal Shutdown
♦ Output Short-Circuit Protection
♦ Available in Small, Thermally Enhanced, 5mm x 5mm, 16-Pin TQFN Package and in 8-Pin SO with Exposed Pad Package
♦ -40°C to +125°C Operating Temperature Range

Applications
    Automotive Interior: Map, Courtesy, and Cluster Lighting
    Automotive Exterior: Tail Lights and CHMSL
    Emergency Vehicle Warning Lights
    Navigation and Marine Indicators
    General Lighting
    Signage, Gasoline Canopies, Beacons




Similar Part No. - MAX16836

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16836 MAXIM-MAX16836 Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836 MAXIM-MAX16836 Datasheet
126Kb / 4P
MAX16836 Evaluation Kit
Rev 0; 1/09
MAX16836ASA+ MAXIM-MAX16836ASA+ Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836ATE+ MAXIM-MAX16836ATE+ Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836EVKIT MAXIM-MAX16836EVKIT Datasheet
126Kb / 4P
MAX16836 Evaluation Kit
Rev 0; 1/09
More results


Similar Description - MAX16836

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
Rev 1
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com