Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6807 Datasheet (PDF) - List of Unclassifed Manufacturers

CL6807 Datasheet PDF - List of Unclassifed Manufacturers
Part # CL6807
Download  CL6807 Download
File Size   191.6 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 30V 1A LED driver with internal switch

CL6807 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL6807 Datasheet PDF - List of Unclassifed Manufacturers

Part # CL6807
Download  CL6807 Click to download

File Size   191.6 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 30V 1A LED driver with internal switch

CL6807 Datasheet (HTML) - List of Unclassifed Manufacturers


CL6807 Product details

[CHIPLINK SEMICONDUCTOR]

GENERAL DESCRIPTION
The CL6807 is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input supply between 7V and 30V and provides an externally adjustable output current of up to 1A. Depending upon supply voltage and external components, this can provide up to 35 watts of output power.
The CL6807 includes the output switch and a high-side output current sensing circuit, which uses an external resistor to set the nominal average output current.
Output current can be adjusted above, or below the set value, by applying an external control signal to the ADJ pin. The ADJ pin will accept either a DC voltage or a PWM waveform. Depending upon the control frequency, this will provide either a continuous or a gated output current. The PWM filter components are contained within the chip.
The PWM filter provides a soft-start feature by controlling the rise of input/output current. The soft-start time can be increased using an external capacitor from the ADJ pin to ground.
Applying a voltage of 0.5V or lower to the ADJ pin turns the output off and switches the device into a low current standby state.

FEATURES
◆ Simple low parts count
◆ Wide input voltage range: 8V to 30V
◆ Up to 1A output current
◆ Single pin on/off and brightness control using DC voltage or PWM
◆ Typical 5% output current accuracy
◆ Inherent open-circuit LED protection
◆ High efficiency (up to 95%)
◆ High-Side Current Sense
◆ Soft-start
◆ Available in SOT89-5 packages

APPLICATIONS
◆ Low voltage halogen replacement LEDs
◆ Automotive lighting
◆ Low voltage industrial lighting
◆ LED back-up lighting
◆ Illuminated signs




Similar Part No. - CL6807

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL680 ETC1-CL680 Datasheet
682Kb / 4P
SINGLE-CHIP AUDIO/VIDEO/CD-ROM DECODER WITH INTEGRATED NTSC/PAL ENCODER
More results


Similar Description - CL6807

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com