Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F35 Datasheet (PDF) - ZKTECO CO., LTD. All rights reserved.

F35 Datasheet PDF - ZKTECO CO., LTD. All rights reserved.
Part # F35
Download  F35 Download
File Size   440.4 Kbytes
Page   3 Pages
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.
Description Standalone Access Control Terminal Support In-Glass Fingerprint Verication With Video Intercom Function

F35 Datasheet (PDF)

Go To PDF Page Download Datasheet
F35 Datasheet PDF - ZKTECO CO., LTD. All rights reserved.

Part # F35
Download  F35 Click to download

File Size   440.4 Kbytes
Page   3 Pages
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.
Description Standalone Access Control Terminal Support In-Glass Fingerprint Verication With Video Intercom Function

F35 Datasheet (HTML) - ZKTECO CO., LTD. All rights reserved.


F35 Product details

Features
F35
Standalone Access Control Terminal
Support In-Glass Fingerprint Verication
With Video Intercom Function
• In-glass ngerprint verication.
• Aluminium alloy frame and 2.5D glass panel.
• Support SIP Client (Ver2.0) for one-way video intercom.
• Fully compatible with ZKTeco SIP Video intercom indoor monitor (VT07-B01and VT07- B01-W)
• Attained IP65 protection rating with dustproof and waterproof.
• Communication: TCP/IP and Wi-Fi (Optional).
• Support video talk via mobile app: ZSmart.
• Available card modules: 125 kHz ID card (standard) / 125 kHz ID card & 13.56MHz IC card (optional) / Multi
tech card (optional): 125kHz & 13.56MHz ID & IC card & DESFire EV1 / EV2 / Felica / HID proxy / HID ICLASS.
• Multiple Verication Methods: Fingerprint / Card / Password.
• Support AC push and convert to TA push.
• Support Doorbell and Wireless Doorbell (Optional).




Similar Part No. - F35

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
F35-050400-A000G SLPOWER-F35-050400-A000G Datasheet
17Kb / 2P
F35 UK Wall Mount 1-3 Watts Series
F35-060200-A000G SLPOWER-F35-060200-A000G Datasheet
17Kb / 2P
F35 UK Wall Mount 1-3 Watts Series
F35-060300-A000G SLPOWER-F35-060300-A000G Datasheet
17Kb / 2P
F35 UK Wall Mount 1-3 Watts Series
F35-060400-A000G SLPOWER-F35-060400-A000G Datasheet
17Kb / 2P
F35 UK Wall Mount 1-3 Watts Series
F35-080250-A000G SLPOWER-F35-080250-A000G Datasheet
17Kb / 2P
F35 UK Wall Mount 1-3 Watts Series
More results


Similar Description - F35

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
logo
AverLogic Technologies ...
AL240 AVERLOGIC-AL240 Datasheet
274Kb / 2P
Sales Kit Standalone Video Decoder Device
logo
Nippon Precision Circui...
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
logo
rfsolutions.ltd
RFID231C-SYS RFSOLUTIONS-RFID231C-SYS Datasheet
563Kb / 2P
RFID PROXIMITY ACCESS CONTROL
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513_09 Datasheet
649Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 1; 2/09
logo
Silan Microelectronics ...
SC51D01F16A SILAN-SC51D01F16A Datasheet
789Kb / 21P
REMOTE CONTROL WITH BUILT-IN FLASH AND CODE SAMPLING FUNCTION
logo
Xilinx, Inc
DS643 XILINX-DS643 Datasheet
6Mb / 216P
Soft Direct Memory Access (SDMA) support
logo
STMicroelectronics
STEVAL-TLL012V1 STMICROELECTRONICS-STEVAL-TLL012V1 Datasheet
251Kb / 4P
Full RGB function support
08-Jun-2012
logo
Wurth Elektronik GmbH &...
6610XX113322 WURTH-6610XX113322 Datasheet
644Kb / 2P
2.54 MM INTERCOM SINGLE ROW FEMALE TERMINAL HOUSING
C 17-JUN-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com