Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet (PDF) - Micrel Semiconductor

MICRF112 Datasheet PDF - Micrel Semiconductor
Part # MICRF112
Download  MICRF112 Download
File Size   527.35 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio짰 UHF ASK/FSK Transmitter

MICRF112 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF112 Datasheet PDF - Micrel Semiconductor

Part # MICRF112
Download  MICRF112 Click to download

File Size   527.35 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio짰 UHF ASK/FSK Transmitter

MICRF112 Datasheet (HTML) - Micrel Semiconductor


MICRF112 Product details

General Description

The MICRF112 is a high performance, easy to use, single chip ASK / FSK Transmitter IC for remote wireless applications in the 300 to 450MHz frequency band. This transmitter IC is a true “data-in, antenna-out” monolithic device.



Features

 Complete UHF transmitter

 Frequency range 300MHz to 450MHz

 Data rates up to 50kbps ASK, 10kbps FSK

 Output Power to 10dBm

 Low external part count

 Low standby current <1µA

 Low voltage operation (down to 1.8V)

 Operate with crystals or ceramic resonators



Applications

 Remote Keyless Entry Systems (RKE)

 Remote Control (STB, HVAC and Appliances)

 Garage Door Opener Transmitters

 Remote Sensor Data Links

 Infrared Transmitter Replacement

 Tire Pressure Monitor System (TPMS)



 




Similar Part No. - MICRF112

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112 MICREL-MICRF112 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
logo
Microchip Technology
MICRF112 MICROCHIP-MICRF112 Datasheet
1Mb / 46P
The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
Revision A Date 01/2024
logo
Micrel Semiconductor
MICRF112YMM MICREL-MICRF112YMM Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Microchip Technology
MICRF112YMM MICROCHIP-MICRF112YMM Datasheet
1Mb / 46P
The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
Revision A Date 01/2024
More results


Similar Description - MICRF112

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
UHF ASK/FSK TRANSMITTER
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
UHF ASK/FSK TRANSMITTER
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
UHF ASK/FSK Transmitter
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_11 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
logo
ATMEL Corporation
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
UHF ASK/FSK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com