Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMM Datasheet (PDF) - Microchip Technology

MICRF112YMM Datasheet PDF - Microchip Technology
Part # MICRF112YMM
Download  MICRF112YMM Download
File Size   1241.4 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.

MICRF112YMM Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF112YMM Datasheet PDF - Microchip Technology

Part # MICRF112YMM
Download  MICRF112YMM Click to download

File Size   1241.4 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.

MICRF112YMM Datasheet (HTML) - Microchip Technology


MICRF112YMM Product details

Features
• 1.8V to 3.6V Supply Voltage Range
• Up to +10 dBm Output Power (CW)
• 6.9 mA Supply Current at 1 kbps ASK (50% Manchester)
• 11.5 mA Supply Current at +10 dBm (FSK/CW)
• 1 μA Shutdown Supply Current
• Data Rates Up to 50 kbps ASK, 10 kbps FSK
• Crystal or Ceramic Resonators Sets RF Frequency
• -40°C to +125°C Temperature Range
• 10-Pin MSOP (3.0 mm x 4.9 mm), 10-Pin Ultra-Thin DFN (2 mm x 2 mm x 0.5 mm)
Applications
• Remote Keyless Entry systems (RKE)
• Remote control (STB, HVAC and appliances)
• Garage Door Openers (GDO)
• Tire Pressure Monitor Systems (TPMS)
• Outdoor weather stations
• Security/alarms systems
• Lighting and fan remote controls
• Doorbells
• Irrigation control




Similar Part No. - MICRF112YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112YMM MICREL-MICRF112YMM Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
527Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
More results


Similar Description - MICRF112YMM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
logo
Infineon Technologies A...
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
TDK5116F INFINEON-TDK5116F Datasheet
752Kb / 36P
868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
PT4456 PTC-PT4456 Datasheet
180Kb / 4P
PLL-based FSK Transmitter IC
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com