Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMM Datasheet(PDF) 1 Page - Microchip Technology

Part # MICRF112YMM
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMM Datasheet(HTML) 1 Page - Microchip Technology

  MICRF112YMM Datasheet HTML 1Page - Microchip Technology MICRF112YMM Datasheet HTML 2Page - Microchip Technology MICRF112YMM Datasheet HTML 3Page - Microchip Technology MICRF112YMM Datasheet HTML 4Page - Microchip Technology MICRF112YMM Datasheet HTML 5Page - Microchip Technology MICRF112YMM Datasheet HTML 6Page - Microchip Technology MICRF112YMM Datasheet HTML 7Page - Microchip Technology MICRF112YMM Datasheet HTML 8Page - Microchip Technology MICRF112YMM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 1
Introduction
The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)-
based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range. These applications include
Remote Keyless Entry (RKE) and a Tire Pressure Monitoring System (TPMS). The device needs only a low-cost
crystal to precisely set the desired RF frequency and a few external components for matching the power
amplifier output to the antenna.
The MICRF112 operates over the 1.8V to 3.6V operating range and delivers +10 dBm (CW) output power
into a 50Ω load, while consuming 11.5 mA of supply current from a 3.0V power supply. In ASK mode, the
device consumes 6.9 mA of supply current at a data rate of 1 kbps (Manchester 50%). It features a low-power
shutdown mode where the device typically consumes 50 nA of supply current. This makes it an ideal solution
for battery-powered applications.
The MICRF112 is rated for the -40°C to +125°C temperature range and is available in 10-pin MSOP and 10-pin
Ultra-Thin DFN packages. For automotive applications where the AEC-Q100 qualification is required, consider
the MAQRF112. For ASK only applications that do not require shutdown, consider the MICRF113 in SOT23-6.
Features
• 1.8V to 3.6V Supply Voltage Range
• Up to +10 dBm Output Power (CW)
• 6.9 mA Supply Current at 1 kbps ASK (50% Manchester)
• 11.5 mA Supply Current at +10 dBm (FSK/CW)
• 1 µA Shutdown Supply Current
• Data Rates Up to 50 kbps ASK, 10 kbps FSK
• Crystal or Ceramic Resonators Sets RF Frequency
• -40°C to +125°C Temperature Range
• 10-Pin MSOP (3.0 mm x 4.9 mm), 10-Pin Ultra-Thin DFN (2 mm x 2 mm x 0.5 mm)
Applications
• Remote Keyless Entry systems (RKE)
• Remote control (STB, HVAC and appliances)
• Garage Door Openers (GDO)
• Tire Pressure Monitor Systems (TPMS)
• Outdoor weather stations
• Security/alarms systems
• Lighting and fan remote controls
• Doorbells
• Irrigation control
MICRF112 Data Sheet
MICRF112


Similar Part No. - MICRF112YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112YMM MICREL-MICRF112YMM Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
527Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMM10 MICREL-MICRF112YMM10 Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
QwikRadio짰 UHF ASK/FSK Transmitter
More results

Similar Description - MICRF112YMM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
logo
Infineon Technologies A...
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
TDK5116F INFINEON-TDK5116F Datasheet
752Kb / 36P
868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
PT4456 PTC-PT4456 Datasheet
180Kb / 4P
PLL-based FSK Transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com