Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMM Datasheet(PDF) 3 Page - Microchip Technology

Part # MICRF112YMM
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMM Datasheet(HTML) 3 Page - Microchip Technology

  MICRF112YMM Datasheet HTML 1Page - Microchip Technology MICRF112YMM Datasheet HTML 2Page - Microchip Technology MICRF112YMM Datasheet HTML 3Page - Microchip Technology MICRF112YMM Datasheet HTML 4Page - Microchip Technology MICRF112YMM Datasheet HTML 5Page - Microchip Technology MICRF112YMM Datasheet HTML 6Page - Microchip Technology MICRF112YMM Datasheet HTML 7Page - Microchip Technology MICRF112YMM Datasheet HTML 8Page - Microchip Technology MICRF112YMM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
MICRF112
Quick References
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 3
1.
Quick References
1.1
Acronyms and Abbreviations
Table 1-1. Acronyms and Abbreviations
Acronyms/Abbreviations
Description
GDO
Garage Door Openers
PLL
Phase Locked Loop
RKE
Remote Keyless Entry
TA
Ambient Operating Temperature
TPMS
Tire Pressure Monitoring System
Ts
Storage Temperature
UVLO
Undervoltage Lock Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com