Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMM Datasheet(PDF) 34 Page - Microchip Technology

Part # MICRF112YMM
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMM Datasheet(HTML) 34 Page - Microchip Technology

Back Button MICRF112YMM Datasheet HTML 30Page - Microchip Technology MICRF112YMM Datasheet HTML 31Page - Microchip Technology MICRF112YMM Datasheet HTML 32Page - Microchip Technology MICRF112YMM Datasheet HTML 33Page - Microchip Technology MICRF112YMM Datasheet HTML 34Page - Microchip Technology MICRF112YMM Datasheet HTML 35Page - Microchip Technology MICRF112YMM Datasheet HTML 36Page - Microchip Technology MICRF112YMM Datasheet HTML 37Page - Microchip Technology MICRF112YMM Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
MICRF112
TX112-1-315 MHz ASK Bill of Materials
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 34
12.
TX112-1-315 MHz ASK Bill of Materials
Table 12-1. TX112-1-315 MHz ASK Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
CC0805KPX5R6BB106
Yageo Corporation
10 uF Cap, 0805
1
C2
CC0603JRNPO9BN101
Yageo Corporation
100 pF Cap, 0603
1
C5
CC0603JRNPO9BN100
Yageo Corporation
10 pF Cap, 0603
1
R1, R4, R6, JPR2
—
—
—
NP
C6, C8, C11, C12, C15
—
—
—
NP
C7
CC0603CRNPO9BN4R7
Yageo Corporation
4.7 pF Cap, 0603
1
C10
CC0603KRX7R9BB104
Yageo Corporation
0.1 uF Cap, 0603
1
C13, C14
CC0603JRNPO8BN180
Yageo Corporation
18 pF Cap, 0603
2
J1, J2
PRPC003SBAN-M71RC
Sullins Connector Solutions
Con 3
2
L1
LQW2BASR47J00L
Murata Electronics®
470 uH Inductor, 0805
1
L4
LQW18ANR15J00D
Murata Electronics®
150 nH Inductor, 0603
1
L5
Loop antenna, part of PCB
—
Antenna, part of PCB
1
R2
RC0603FR-07100KL
Yageo Corporation
100k Resistor, 0603
1
R3, R5, R7, R8, JPR1
RC0603JR-070RL
Yageo Corporation
0R Resistor, 0603
5
U1
MICRF112YMM
Microchip
MICRF112
1
Y1
SA-9.84375-F-10-C-3-3
HIB
9.84375MHz XTAL
1
4DC1-09843-CDFAD1
TCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com