Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS3106 Datasheet (PDF) - Advanced Monolithic Systems

AMS3106 Datasheet PDF - Advanced Monolithic Systems
Part # AMS3106
Download  AMS3106 Download
File Size   198.67 Kbytes
Page   3 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

AMS3106 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS3106 Datasheet PDF - Advanced Monolithic Systems

Part # AMS3106
Download  AMS3106 Click to download

File Size   198.67 Kbytes
Page   3 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

AMS3106 Datasheet (HTML) - Advanced Monolithic Systems


AMS3106 Product details

GENERAL DESCRIPTION
The AMS3106 is a 500mA low dropout fixed voltage regulator, featuring an internal electronic switch controlled by TTL or CMOS logic levels. When the Enable pin is pulled to a logic high level, the device is in the ON state. Designed specifically for battery powered applications where low quiescent current, low dropout and low standby current are required, the AMS3106 is ideal to use in standby power systems. Like other regulators the AMS3106 series also includes internal current limiting and thermal shutdown. A high precision 0.6V voltage reference enables the device to provide very low output voltages. A key feature includes a reference bypass pin to improve its low-noise performance for fixed output versions.

FEATURES
• 0.6V to 6V in 100mV increments Voltages Available
• Active High On/Off Control
• Output Current of 500mA
• Quiescent Current of <1µA when in Shutdown
• Low Dropout Voltage of 250mV at 500mA
• Wide Supply Voltage Range 1.5V to 15V
• Short Circuit and Thermal Protection
• Power Good function option
• Ceramic Output Capacitor OK
• Reference bypass for low noise

APPLICATIONS
• Battery Powered Systems
• Cellular Phones
• Cordless Telephones
• Portable (Notebook) Computers
• Portable Instrumentation
• Portable Consumer Equipment
• Personal Communication Equipment
• Radio Control Systems
• Low Voltage Systems
• MP3 Player




Similar Part No. - AMS3106

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2 ADMOS-AMS3100-1.2 Datasheet
76Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
76Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
More results


Similar Description - AMS3106

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com