Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS3100 Datasheet (PDF) - Advanced Monolithic Systems

AMS3100 Datasheet PDF - Advanced Monolithic Systems
Part # AMS3100
Download  AMS3100 Download
File Size   61.97 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE

AMS3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS3100 Datasheet PDF - Advanced Monolithic Systems

Part # AMS3100
Download  AMS3100 Click to download

File Size   61.97 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE

AMS3100 Datasheet (HTML) - Advanced Monolithic Systems


AMS3100 Product details

GENERAL DESCRIPTION
The AMS3100 are two-terminal micropower band-gap voltage reference that feature a very low dynamic impedance and good temperature coefficient, operating from 1.24V to 5.3V and over a 10µA to 20mA current range. AMS3100 is trimmed at wafer test level to optimize the temperature coefficient and tight output voltage tolerance. The advanced process technology used, makes the AMS3100 exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain, makes these reference diodes useful for micropower circuitry. These voltage references can be used to make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life. Further more, the wide operating current allows it to replace older references with a tight tolerance part. Pin to pin compatible with other standard industry references, the AMS3100 offers the advantage of long term stability at low cost.

FEATURES
• Adjustable from 1.24V to 5.30V
• Operating Current 10µA to 20mA
• 1% and 2% Initial Tolerance
• 1Ω Dynamic Impedance
• Low Temperature Coefficient
• 1.2V Device and 2.5V Device also available

APPLICATIONS
• Battery Powered Systems
• Instrumentation
• A/D, D/A Converters
• Temperature measurement
• Current sources
• Notebook/Personal Computer
• Monitors/ VCR/ TV
• Pagers




Similar Part No. - AMS3100

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3100 ADMOS-AMS3100 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2 ADMOS-AMS3100-1.2 Datasheet
76Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
76Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
AMS3100-1.2BM ADMOS-AMS3100-1.2BM Datasheet
76Kb / 6P
MICROPOWER VOLTAGE REFERENCE
More results


Similar Description - AMS3100

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
Adjustable Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285_05 Datasheet
74Kb / 8P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com