Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS285-2.5 Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS285-2.5 Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS285-2.5
Download  AMS285-2.5 Download
File Size   172.61 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description MICROPOWER VOLTAGE REFERENCE DIODE

AMS285-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS285-2.5 Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS285-2.5
Download  AMS285-2.5 Click to download

File Size   172.61 Kbytes
Page   8 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description MICROPOWER VOLTAGE REFERENCE DIODE

AMS285-2.5 Datasheet (HTML) - Advanced Monolithic Systems Ltd


AMS285-2.5 Product details

GENERAL DESCRIPTION
The AMS285-2.5/AMS385-2.5 are two-terminal micropower band-gap voltage reference diodes. They feature a very low dynamic impedance and good temperature coefficient, operating over a 20µA to 20mA current range. On-chip trimming is used to provide tight voltage tolerance. Since the AMS285-2.5/AMS385-2.5 is a band-gap reference, uses only transistors and resistors, low noise and good long term stability result. Careful design of the AMS285-2.5/AMS385-2.5 has made the device exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application.

FEATURES
• ±20 mV (±0.8%) max. initial tolerance (A grade)
• Operating Current 20µA to 20mA
• Low Voltage Reference 2.5V
• Max. 0.6Ω Dynamic Impedance (A grade)
• Low Temperature Coefficient
• 1.2V Device and Adjustable Device also available
    AMS285-1.2 and AMS285 series, respectively
    AMS385-1.2 and AMS385 series.

APPLICATIONS
• Battery Powered Systems
• Instrumentation
• A/D, D/A Converters
• Temperature measurement
• Current sources
• Notebook/Personal Computer
• Monitors/ VCR/ TV
• Pagers




Similar Part No. - AMS285-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-2.5AL ADMOS-AMS285-2.5AL Datasheet
172Kb / 8P
Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
Battery Powered Systems
AMS285-2.5AS ADMOS-AMS285-2.5AS Datasheet
172Kb / 8P
Battery Powered Systems
AMS285-2.5BL ADMOS-AMS285-2.5BL Datasheet
172Kb / 8P
Battery Powered Systems
AMS285-2.5BN ADMOS-AMS285-2.5BN Datasheet
172Kb / 8P
Battery Powered Systems
More results


Similar Description - AMS285-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com