Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME41-4096 Datasheet (PDF) - Analog Microelectronics

AME41-4096 Datasheet PDF - Analog Microelectronics
Part # AME41-4096
Download  AME41-4096 Download
File Size   63.53 Kbytes
Page   8 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Micropower Voltage Reference Diode

AME41-4096 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME41-4096 Datasheet PDF - Analog Microelectronics

Part # AME41-4096
Download  AME41-4096 Click to download

File Size   63.53 Kbytes
Page   8 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Micropower Voltage Reference Diode

AME41-4096 Datasheet (HTML) - Analog Microelectronics


AME41-4096 Product details

General Description
The AME41-4096 is a micropower 2-terminal band-gap voltage regulator diode. It operates over a 40µA to 20mA current range. Each circuit is trimmed at wafer sort to provide a ±0.20% and ±0.50% initial tolerance. The design of the AME41-4096 allows for a large range of load capacitances and operating currents. The low start-up current makes these part ideal for battery applications.
Analog Microelectronics offers this part in a TO-92 and SO-8 packages as well as the space saving SOT-23.

Key Features
● Small packages: SOT-23, TO-92, SO-8
● Tolerates capacitive loads
● Fixed reverse breakdown voltage of 4.096V
● Tight voltage tolerance ---------- ±0.20%, ±0.50%
● Wide operating current ---------- 40µA to 20mA
● Wide temperature range -------- -40oC to 85°C
● Low temperature coefficient --- 100ppm/oC (max)
● Excellent transient response

Applications
● Portable electronics
● Power supplies
● Computer peripherals
● Data acquisition systems
● Battery chargers
● Consumer electronics




Similar Part No. - AME41-4096

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
Shunt Bandgap Voltage Reference
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME41-ADJ AME-AME41-ADJ Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME41-ADJ AME-AME41-ADJ Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
More results


Similar Description - AME41-4096

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com