Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4517A Datasheet (PDF) - Semtech Corporation

SC4517A Datasheet PDF - Semtech Corporation
Part # SC4517A
Download  SC4517A Download
File Size   269.7 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.25MHz, 1.5A Step-Down Switching Regulator

SC4517A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4517A Datasheet PDF - Semtech Corporation

Part # SC4517A
Download  SC4517A Click to download

File Size   269.7 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.25MHz, 1.5A Step-Down Switching Regulator

SC4517A Datasheet (HTML) - Semtech Corporation


SC4517A Product details

Description
The SC4517A is a current mode switching regulator with an integrated switch, operating at 1.25MHz with separate sync & enable functions. The integrated switch allows for cost effective low power solutions (peak switch current 1.5 amps). The sync function allows customers to synchronize to a faster clock in order to avoid frequency beating in noise sensitive applications. High frequency of operation allows for very small passive components. Current mode operation allows for fast dynamic response & instantaneous duty cycle adjustment as the input varies (ideal for CPE applications where the input is a wall plug power).

Features
◆ Integrated 1.5 Amp switch
◆ 1.25MHz frequency of operation
◆ Current mode controller
◆ Synchronizable to higher frequency up to 2MHz
◆ 6µA low shutdown current
◆ MSOP-8 and MLPD-8 Lead-free packages. This
   product is fully WEEE and RoHS compliant

Applications
◆ XDSL modems
◆ CPE equipment
◆ DC-DC point of load applications
◆ Portable equipment




Similar Part No. - SC4517A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
SC4510ITSTR SEMTECH-SC4510ITSTR Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
SC4510ITSTRT SEMTECH-SC4510ITSTRT Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
More results


Similar Description - SC4517A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1961 LINER-LT1961 Datasheet
159Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com