Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1961 Datasheet (PDF) - Linear Technology

LT1961 Datasheet PDF - Linear Technology
Part # LT1961
Download  LT1961 Download
File Size   159.56 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 1.25MHz Step-Up Switching Regulator

LT1961 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1961 Datasheet PDF - Linear Technology

Part # LT1961
Download  LT1961 Click to download

File Size   159.56 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 1.25MHz Step-Up Switching Regulator

LT1961 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1961

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1961 LINER-LT1961 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1961 LINER-LT1961 Datasheet
165Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
More results


Similar Description - LT1961

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
1.5A, 1.25MHz Step-Up Switching Regulator
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com