Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4155 Datasheet (PDF) - Advanced Monolithic Systems

AMS4155 Datasheet PDF - Advanced Monolithic Systems
Part # AMS4155
Download  AMS4155 Download
File Size   389.12 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 2A OUTPUT PWM BUCK CONVERTER

AMS4155 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4155 Datasheet PDF - Advanced Monolithic Systems

Part # AMS4155
Download  AMS4155 Click to download

File Size   389.12 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 2A OUTPUT PWM BUCK CONVERTER

AMS4155 Datasheet (HTML) - Advanced Monolithic Systems


AMS4155 Product details

GENERAL DESCRIPTION
The AMS4155 is a monolithic step down switch mode converter with a built in internal power Switch Transistor. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation.
Current mode operation provides fast transient response and eases loop stabilization. Fault condition protection includes cycleby-cycle current limiting and thermal shutdown. In shutdown mode the regulator draws 17µA of supply current.

FEATURES
• Stable with low ESR Output Ceramic Capacitors
• Up to 95% Efficiency
• 2A Continuous Output Current
• Wide 4.75V to 20V Operating Input Range
• Fixed 480kHz Frequency
• Thermal Shutdown
• Cycle-by-cycle + hiccup Over Current Protection
• Under Voltage Lockout
• Frequency Synchronization Input
• Operating Temperature: -40°C to 125°C
• Available in an 8-Pin SO Package

APPLICATIONS
• Battery Chargers
• Portable (Notebook) Computers
• Industrial power supply
• Point of regulation for high performance electronics
• Consumer Electronics
• Audio Power Amplifiers
• Distributed Power Systems
• Pre-Regulator for Linear Regulators
• LCD TVs and LCD monitors




Similar Part No. - AMS4155

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
AMS4154S ADMOS-AMS4154S Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
More results


Similar Description - AMS4155

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
PWM Control 2A Buck Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
2A / 330KHz PWM Buck Converter
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com