Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4154 Datasheet (PDF) - Advanced Monolithic Systems

AMS4154 Datasheet PDF - Advanced Monolithic Systems
Part # AMS4154
Download  AMS4154 Download
File Size   277.51 Kbytes
Page   5 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 2A OUTPUT PWM BUCK CONVERTER

AMS4154 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4154 Datasheet PDF - Advanced Monolithic Systems

Part # AMS4154
Download  AMS4154 Click to download

File Size   277.51 Kbytes
Page   5 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 2A OUTPUT PWM BUCK CONVERTER

AMS4154 Datasheet (HTML) - Advanced Monolithic Systems


AMS4154 Product details

GENERAL DESCRIPTION
The AMS4154 is a step-down converter for high voltage applications. Current mode operation provides easier compensation and fast transient response. Internal cycle-by-cycle current limiting and thermal shutdown provides the necessary protection in faults situation. A 5V reference voltage is available that can supply up to 2mA current.

FEATURES
• Stable with low ESR Output Ceramic Capacitors
• Up to 99% On time
• 2A Output Current
• Wide Operating Input Voltage Range 5.5V to 32V
• Fixed 330 kHz Frequency
• Thermal Shutdown
• Cycle-by-cycle Over Current Protection
• Under Voltage Lockout
• 5V reference output
• Adjustable output from 0.6V

APPLICATIONS
• Battery Chargers
• Portable (Notebook) Computers
• Industrial power supply
• Point of regulation for high performance electronics
• Consumer Electronics
• Audio Power Amplifiers
• Distributed Power Systems
• Pre-Regulator for Linear Regulators
• LCD TVs and LCD monitors
• Automotive electronics




Similar Part No. - AMS4154

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
AMS4155S ADMOS-AMS4155S Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
More results


Similar Description - AMS4154

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
PWM Control 2A Buck Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
2A / 330KHz PWM Buck Converter
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com