Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4154 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS4154
Description  2A OUTPUT PWM BUCK CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4154 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS4154 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS4154
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage
-0.3V to +34V Junction Temperature
+150
°C
SW Voltage
-1V to VIN + 0.3V Storage Temperature
-65
°C to +150°C
BS Voltage
V LX – 0.3V to V LX + 6V
Lead Temperature
260
°C
All Other Pins
-0.3V to +6V
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA= 25 °C and VIN=12V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
AMS4154
Min.
Typ.
Max.
Units
Feedback Voltage
0.6V ≤ VIN ≤ 32V, VCOMP < 2V
0.588
0.600
0.612
V
Supply Current
VEN = 5V, VFB = 1.4V
1.0
1.2
mA
Shutdown Supply Current
VEN = 0V
0.5
1
µA
Current Limit
2.5
3.6
4.9
A
Current Sense to COMP
Transconductance
3.5
A/V
Oscillation Frequency
280
330
380
KHz
Maximum Duty Cycle
VFB = 1.0V
90
99
%
Minimum Duty Cycle
VFB = 1.5V
0
%
EN Threshold Voltage
VEN Rising, Output ON
2.5
2.6
2.8
V
EN Threshold Voltage
VEN Falling , Output OFF
2.2
2.3
V
EN Threshold Hysteresis
250
mV
Enable Current
VEN = 0V
1.8
µA
Thermal Shutdown
160
ºC
5V REF Voltage
IREF = 0
4.8
5.0
5.2
V
REF Load Regulation
∆IREF = 0 to 1mA
100
mV
REF Line Regulation
IREF = 100µA, VIN = 6.5 to 32V
30
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com