Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4154 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS4154
Description  2A OUTPUT PWM BUCK CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4154 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS4154 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4154 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS4154
Monolithic
2A OUTPUT PWM BUCK CONVERTER
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Stable with low ESR Output Ceramic Capacitors
• Battery Chargers
• Up to 99% On time
• Portable (Notebook) Computers
• 2A Output Current
• Industrial power supply
• Wide Operating Input Voltage Range 5.5V to 32V
• Point of regulation for high performance electronics
• Fixed 330 kHz Frequency
• Consumer Electronics
• Thermal Shutdown
• Audio Power Amplifiers
• Cycle-by-cycle Over Current Protection
• Distributed Power Systems
• Under Voltage Lockout
• Pre-Regulator for Linear Regulators
• 5V reference output
• LCD TVs and LCD monitors
• Adjustable output from 0.6V
• Automotive electronics
GENERAL DESCRIPTION
The AMS4154 is a step-down converter for high voltage applications. Current mode operation provides easier compensation
and fast transient response. Internal cycle-by-cycle current limiting and thermal shutdown provides the necessary protection in
faults situation. A 5V reference voltage is available that can supply up to 2mA current.
ORDERING INFORMATION
TYPICAL APPLICATION
PIN CONNECTIONS
OUTPUT
PACKAGE TYPE
TEMP. RANGE
VOLTAGE
8 Lead SOIC
Adjustable
AMS4154S
-25°C to 125°C
8L SOIC
SO Package (S)
EN
COMP
F/B
BST
VIN
LX
GND
1
2
8
4
3
7
5
6
REF
Top View
COMP
VREF
GND
F/B
LX
BST
EN
VIN
ON
OFF
10µF
470n
L1
4.7µH
31.7K
B220
10K
22µF
2.5V/2A
4.7n
3.9K


Similar Part No. - AMS4154

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
AMS4155S ADMOS-AMS4155S Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
More results

Similar Description - AMS4154

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
PWM Control 2A Buck Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
2A / 330KHz PWM Buck Converter
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com