Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRSF3232ECDWR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TRSF3232ECDWR Datasheet PDF - Texas Instruments
Part # TRSF3232ECDWR
Download  TRSF3232ECDWR Download
File Size   2390.63 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRSF3232E 3V TO 5.5V Two-Channel RS-232 1Mbit/s Line Driver and Receiver with ±15kV IEC ESD Protection in Small Package

TRSF3232ECDWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TRSF3232ECDWR Datasheet PDF - Texas Instruments

Part # TRSF3232ECDWR
Download  TRSF3232ECDWR Click to download

File Size   2390.63 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRSF3232E 3V TO 5.5V Two-Channel RS-232 1Mbit/s Line Driver and Receiver with ±15kV IEC ESD Protection in Small Package

TRSF3232ECDWR Datasheet (HTML) - Texas Instruments


TRSF3232ECDWR Product details

1 Features
• Operates with 3V to 5.5V VCC supply
• Operates up to 1Mbit/s
• Low supply current: 300μA typical
• External capacitors: 4 × 0.1μF
• Accept 5V logic input with 3.3V supply
• Latch-up performance exceeds 100mA Per JESD
78, class II
• ESD protection for RS-232 pins
– ±15kV Human-Body Model (HBM)
– ±15kV IEC 61000-4-2 air-gap discharge
– ±8kV IEC 61000-4-2 contact discharge
• Available in near chip scale QFN (3mmx3mm)
package (85% smaller than SOIC-16)

2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Palmtop PCs
• Hand-held equipment

3 Description
The TRSF3232E consists of two line drivers, two line
receivers, and a dual charge-pump circuit with ±15kV
ESD protection pin to pin (serial-port connection pins,
including GND). This device provides the electrical
interface between an asynchronous communication
controller and the serial-port connector. The charge
pump and four small external capacitors allow
operation from a single 3V to 5.5V supply. The
TRSF3232E operates at data signaling rates up to
1Mbit/s and a driver output slew rate of 14V/μs to
150V/μs.




Similar Part No. - TRSF3232ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3232ECDWR TI-TRSF3232ECDWR Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3232ECDWR TI-TRSF3232ECDWR Datasheet
1Mb / 22P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3232ECDWRG4 TI-TRSF3232ECDWRG4 Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Similar Description - TRSF3232ECDWR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385A SIPEX-SP385A Datasheet
80Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385A SIPEX-SP385A Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
/- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004
logo
Texas Instruments
TRSF3232E TI-TRSF3232E Datasheet
499Kb / 17P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
TRSF3232E TI-TRSF3232E_V01 Datasheet
1Mb / 22P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com