Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385A Datasheet (PDF) - Sipex Corporation

SP385A Datasheet PDF - Sipex Corporation
Part # SP385A
Download  SP385A Download
File Size   80.69 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3V to 5V RS-232 Line Driver/Receiver

SP385A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP385A Datasheet PDF - Sipex Corporation

Part # SP385A
Download  SP385A Click to download

File Size   80.69 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3V to 5V RS-232 Line Driver/Receiver

SP385A Datasheet (HTML) - Sipex Corporation


SP385A Product details

DESCRIPTION…
The Sipex SP385A is an enhanced version of the Sipex SP200 family of RS232 line drivers/receivers. The SP385A offers +3.3V operation for EIA-562 and EIA-232 applications. The SP385A maintains the same performance features offered in its predecessors. The SP385A is available in plastic SOIC or SSOP packages operating over the commercial and industrial temperature ranges. The SP385A is pin compatible to the LTC1385 EIA-562 transceiver, except the drivers in the SP385A can only be disabled with the ON/OFF pin.

■ Operates from 3.3V or 5V Power Supply
■ Meets All EIA-232D and V.28 Specifications at 5V
■ Meets EIA-562 Specifications at 3.3V
■ Two Drivers and Receivers
■ Operates with 0.1µF to 10µF Capacitors
■ High Data Rate — 120kbps Under Load
■ Low Power Shutdown ≤1µA
■ 3-State TTL/CMOS Receiver Outputs
■ Low Power CMOS — 5mA Operation




Similar Part No. - SP385A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385A SIPEX-SP385A Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385ACA SIPEX-SP385ACA Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385ACT SIPEX-SP385ACT Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385AEA SIPEX-SP385AEA Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385AET SIPEX-SP385AET Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
More results


Similar Description - SP385A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
logo
Sipex Corporation
SP385E SIPEX-SP385E Datasheet
133Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385A SIPEX-SP385A Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
True 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E Datasheet
137Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E_05 Datasheet
170Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385ECT-L EXAR-SP385ECT-L Datasheet
737Kb / 15P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385EEA-L-TR EXAR-SP385EEA-L-TR Datasheet
754Kb / 16P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com