Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385A Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP385A
Description  3V to 5V RS-232 Line Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385A Datasheet(HTML) 5 Page - Sipex Corporation

  SP385A Datasheet HTML 1Page - Sipex Corporation SP385A Datasheet HTML 2Page - Sipex Corporation SP385A Datasheet HTML 3Page - Sipex Corporation SP385A Datasheet HTML 4Page - Sipex Corporation SP385A Datasheet HTML 5Page - Sipex Corporation SP385A Datasheet HTML 6Page - Sipex Corporation SP385A Datasheet HTML 7Page - Sipex Corporation SP385A Datasheet HTML 8Page - Sipex Corporation SP385A Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SP385ADS/05
SP385A Line Driver/Receiver
© Copyright 2000 Sipex Corporation
FEATURES…
The Sipex SP385A is a +3V to +5V EIA-232/EIA-
562 line transceiver. It is a pin-for-pin alternative for
the SP310A and will operate in the same socket with
capacitors ranging from 0.1
µF to 10µF, either polar-
izedornon–polarized,in+3Vsupplies. TheSP385A
offers the same features such as 120kbps guaranteed
transmission rate, increased drive current for longer
and more flexible cable configurations, low power
dissipation and overall ruggedized construction for
commercial and industrial environments.
The SP385A also includes a shutdown feature that
tri-states the drivers and the receivers.
The SP385A includes a charge pump voltage con-
verter which allows it to operate from a single +3.3V
or +5V supply. These converters double the V
CC
voltageinputinordertogeneratetheEIA-232orEIA-
562 output levels. For +5V operation, the SP385A
driver outputs adhere to all EIA-232D and CCITT
V.28 specifications. While at +3.3V operation, the
outputs adhere to EIA-562 specifications. Due to
Sipex's efficient charge pump design, the charge
pump levels and the driver outputs are less noisy
than other 3V EIA-232 transceivers.
The SP385A has a single control line which simul-
taneously shuts down the internal DC/DC con-
verter and puts all transmitter and receiver outputs
into a high impedance state.
The SP385A is available in 18-pin plastic SOIC
and 20-pin plastic SSOP packages for operation
over commercial and industrial temperature
ranges. Please consult the factory for surface-
mount packaged parts supplied on tape-on-reel
as well as parts screened to MIL-M-38510.
The SP385A is ideal for +3.3V battery applica-
tions requiring low power operation. The charge
pump strength allows the drivers to provide
±4.0V signals, plenty for typical EIA-232
applications since the EIA-232 receivers have
input sensitivity levels of less than
±3V.
THEORY OF OPERATION
The SP385A device is made up of three
basic circuit blocks — 1) a driver/transmitter,
2) a receiver and 3) a charge pump.
Driver/Transmitter
The drivers are inverting transmitters, which
accept TTL or CMOS inputs and output the
RS-232 signals with an inverted sense relative to
the input logic levels. Typically the RS-232 output
voltage swing is
±9V for 5V supply and ±4.2V
for 3.3V supply. Even under worst case loading
conditions of 3k
Ω and 2500pF, the output is guar-
anteed to be
±5V for a 5V supply and ±3.7V for
a 3.3V supply which adheres to EIA-232 and EIA-
562 specifications, respecitively. The transmitter
outputs are protected against infinite short-circuits
to ground without degradation in reliability.
The instantaneous slew rate of the transmitter
output is internally limited to a maximum of 30V/
µsinordertomeetthestandards[EIA232-D2.1.7,
Paragraph (5)]. However, the transition region
slew rate of these enhanced products is typically
10V/
µs.Thesmoothtransitionoftheloadedoutput
from V
OL to VOH clearly meets the monotonicity
requirements of the standard [EIA 232-D 2.1.7,
Paragraphs (1) & (2)].
Receivers
The receivers convert RS-232 input signals to
inverted TTL signals. Since the input is usually
from a transmission line, where long cable lengths
and system interference can degrade the signal, the
inputs have a typical hysteresis margin of 500mV.
This ensures that the receiver is virtually immune
to noisy transmission lines.
The input thresholds are 0.8V minimum and 2.4V
maximum, again well within the
±3V RS-232
requirements. The receiver inputs are also pro-
tected against voltages up to
±15V. Should an
input be left unconnected, a 5k
Ω pull-down resis-
tor to ground will commit the output of the receiver
to a high state.
In actual system applications, it is quite possible
for signals to be applied to the receiver inputs
before power is applied to the receiver circuitry.
This occurs for example when a PC user attempts
to print only to realize the printer wasn’t turned on.
In this case an RS-232 signal from the PC will
appear on the receiver input at the printer. When
the printer power is turned on, the receiver will
operate normally. All of these enhanced devices
are fully protected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com