Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4205 Datasheet (PDF) - Semtech Corporation

SC4205 Datasheet PDF - Semtech Corporation
Part # SC4205
Download  SC4205 Download
File Size   218.65 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Dropout 1 Amp Regulator With Enable

SC4205 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4205 Datasheet PDF - Semtech Corporation

Part # SC4205
Download  SC4205 Click to download

File Size   218.65 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Dropout 1 Amp Regulator With Enable

SC4205 Datasheet (HTML) - Semtech Corporation


SC4205 Product details

Description
The SC4205 is a high performance positive voltage regulator designed for use in applications requiring very low dropout voltage at up to 1 Amp. Since it has superior dropout characteristics compared to regular LDOs, it can be used to supply 2.5V on motherboards or 2.8V on peripheral cards from the 3.3V supply thus allowing the elimination of costly heatsinks. Additionally, the SC4205 has an enable pin to further reduce power dissipation while shut down. The SC4205 provides excellent regulation over variations in line, load and temperature.


Features
● 350mV dropout @ 1A
● Adjustable output from 1.2V to 4.8V
● 2.5V and 1.8V options (adjustable externally using resistors)
● Over current and over temperature protection
● Enable pin
● 10µA quiescent current in shutdown
● Low reverse leakage (output to input)
● Surface mount and through-hole packages
● Full industrial temperature range
● Available in SOIC-8EDP package

Applications
● Battery powered systems
● Motherboards
● Peripheral cards
● Network cards
● Set Top Boxes
● Medical Equipment
● Notebook Computers




Similar Part No. - SC4205

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC420 SEMTECH-SC420 Datasheet
271Kb / 12P
High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
SC4201 SEMTECH-SC4201 Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201EVB SEMTECH-SC4201EVB Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201EVB SEMTECH-SC4201EVB Datasheet
243Kb / 12P
Multi-Phase Link Controller
SC4201IMSTR SEMTECH-SC4201IMSTR Datasheet
226Kb / 9P
Multi-Phase Link Controller
More results


Similar Description - SC4205

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1566 SEMTECH-SC1566_05 Datasheet
254Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com