Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4205 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4205
Description  Very Low Dropout 1 Amp Regulator With Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4205 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4205 Datasheet HTML 1Page - Semtech Corporation SC4205 Datasheet HTML 2Page - Semtech Corporation SC4205 Datasheet HTML 3Page - Semtech Corporation SC4205 Datasheet HTML 4Page - Semtech Corporation SC4205 Datasheet HTML 5Page - Semtech Corporation SC4205 Datasheet HTML 6Page - Semtech Corporation SC4205 Datasheet HTML 7Page - Semtech Corporation SC4205 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.semtech.com
SC4205
Very Low Dropout
1 Amp Regulator With Enable
POWER MANAGEMENT
Notes:
(1) Maximum VO setpoint for 1.8V parts = 5.4V.
(2) This device is designed to operate with ceramic input and output capacitors.
Revision: June 28, 2004
The SC4205 is a high performance positive voltage
regulator designed for use in applications requiring very
low dropout voltage at up to 1 Amp. Since it has
superior dropout characteristics compared to regular
LDOs, it can be used to supply 2.5V on motherboards or
2.8V on peripheral cards from the 3.3V supply thus
allowing the elimination of costly heatsinks. Additionally,
the SC4205 has an enable pin to further reduce power
dissipation while shut down. The SC4205 provides ex-
cellent regulation over variations in line, load and tem-
perature.
The SC4205 is available in the SOIC-8EDP package with
internally preset outputs that are also adjustable using
external resistors.
350mV dropout @ 1A
Adjustable output from 1.2V to 4.8V
2.5V and 1.8V options (adjustable externally
using resistors)
Over current and over temperature protection
Enable pin
10µA quiescent current in shutdown
Low reverse leakage (output to input)
Surface mount and through-hole packages
Full industrial temperature range
Available in SOIC-8EDP package
Battery powered systems
Motherboards
Peripheral cards
Network cards
Set Top Boxes
Medical Equipment
Notebook Computers
Description
Features
Applications
VIN
C1
C2
U1
SC4205
4
3
2
8
1
5
6
7
NC
VIN
EN
GND
NC
NC
VO
ADJ
VO
ENABLE
VIN
C1
C2
U1
SC4205
4
3
2
8
1
5
6
7
NC
VIN
EN
GND
NC
NC
VO
ADJ
VO
ENABLE
Volts
R2
R2)
(R1
1.2
VO
+
=
Typical Application Circuits
ENABLE
C1
R1
R2
VO
U1
SC4205
4
3
2
8
1
5
6
7
NC
VIN
EN
GND
NC
NC
VO
ADJ
C2
VIN


Similar Part No. - SC4205

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC420 SEMTECH-SC420 Datasheet
271Kb / 12P
High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
SC4201 SEMTECH-SC4201 Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201EVB SEMTECH-SC4201EVB Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201EVB SEMTECH-SC4201EVB Datasheet
243Kb / 12P
Multi-Phase Link Controller
SC4201IMSTR SEMTECH-SC4201IMSTR Datasheet
226Kb / 9P
Multi-Phase Link Controller
More results

Similar Description - SC4205

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1566 SEMTECH-SC1566_05 Datasheet
254Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com