Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM3203 Datasheet (PDF) - Reed Semiconductor Corp.

RSM3203 Datasheet PDF - Reed Semiconductor Corp.
Part # RSM3203
Download  RSM3203 Download
File Size   313.58 Kbytes
Page   4 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.4V to 5.5V Input, small size 1A/2A/3A Step-Down Power Module with Integrated Inductor

RSM3203 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSM3203 Datasheet PDF - Reed Semiconductor Corp.

Part # RSM3203
Download  RSM3203 Click to download

File Size   313.58 Kbytes
Page   4 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.4V to 5.5V Input, small size 1A/2A/3A Step-Down Power Module with Integrated Inductor

RSM3203 Datasheet (HTML) - Reed Semiconductor Corp.


RSM3203 Product details

Features
• Input voltage range VIN from 2.4 V to 5.5 V
• Constant on time (COT) Control for fast
transient
• PFM/PWM mode or forced PWM mode
operation
• 1% Vout accuracy
• Output current up to 3A
• Power good output
• 4MHz switching frequency
• Overcurrent and short circuit protection
• Output discharge function
• Small size 2.0 x 2.5 x 1.1 mm LGA package
Applications
• Optical modules
• Smart phones
• Wearable electronics
• Camera modules
• Industrial IoT (smart sensors) / NB-IoT
Description
The RSM3203/04/05 are a family of small size, high
efficiency step-down power module optimized for
high density application. The device can operate at
switching frequency up to 4MHz to reduce the size
of external components.
The device has trim option of PFM/PWM mode or
forced PWM mode. At PFM/PWM mode, the device
transits between PFM and PWM mode
automatically to save power at light load condition.
At forced PWM mode, the device operates at 4MHz
switching frequency.
With 4 selectable output voltage options via trim,
the device requires a minimum number of external
components for output voltage setting.
The input voltage of RSM3203/04/05 is from 2.4V to
5.5V. The output current is up to 3A.
RSM3203/04/05 are available in a 2.0mm x 2.5 mm,
10-pin LGA package.




Similar Part No. - RSM3203

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RSM3400 VBSEMI-RSM3400 Datasheet
486Kb / 9P
N-Channel 30-V (D-S) MOSFET
RSM3401 VBSEMI-RSM3401 Datasheet
484Kb / 9P
P-Channel 30 V (D-S) MOSFET
RSM3402 VBSEMI-RSM3402 Datasheet
476Kb / 9P
N-Channel 30-V (D-S) MOSFET
RSM3407 VBSEMI-RSM3407 Datasheet
484Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Reed Semiconductor Corp...
RSM3501 REED-RSM3501 Datasheet
110Kb / 1P
High Efficiency, No-Isolated, Fixed 8:1 Ratio, 400W Digital DC/DC Power Module
More results


Similar Description - RSM3203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515 Datasheet
2Mb / 15P
5A, 2.4V to 5.5V Input, High-Efficiency Power Module
Rev 0; 6/13
logo
Monolithic Power System...
MPM3620 MPS-MPM3620 Datasheet
930Kb / 24P
24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3804 MPS-MPM3804 Datasheet
1Mb / 16P
0.6A, 5.5V Input Step-Down Module Synchronous Regulator with Integrated Inductor in Ultra-Small 2x2x0.9mm QFN Package
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3840 MPS-MPM3840 Datasheet
908Kb / 18P
2.8V-5.5V, 4A, Power Module, Synchronous Step-Down Converter with Integrated Inductor
logo
Maxim Integrated Produc...
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
MAXM17761 MAXIM-MAXM17761_V01 Datasheet
1Mb / 20P
4.5V to 76V, 1A High-Efficiency DC-DC Step-Down Power Module with Integrated Inductor
2019
logo
Diodes Incorporated
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com