Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4601 Datasheet (PDF) - Semtech Corporation

SC4601 Datasheet PDF - Semtech Corporation
Part # SC4601
Download  SC4601 Download
File Size   361.43 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Input, High Efficiency Synchronous, Step Down Controller

SC4601 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4601 Datasheet PDF - Semtech Corporation

Part # SC4601
Download  SC4601 Click to download

File Size   361.43 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Input, High Efficiency Synchronous, Step Down Controller

SC4601 Datasheet (HTML) - Semtech Corporation


SC4601 Product details

Description
The SC4601 is a voltage mode step down (buck) regulator controller that provides accurate high efficiency power conversion from input supply range 2.75V to 5.5V. A high level of integration reduces external component count and makes it suitable for low voltage applications where cost, size and efficiency are critical.

Features
◆ Programmable switching frequency up to 600KHz
◆ BICMOS voltage mode PWM controller
◆ 2.75V to 5.5V Input voltage range
◆ Output voltage as low as 0.8V
◆ +/-1% Reference accuracy
◆ Sleep mode (Icc = 10µA typ)
◆ Lossless adjustable overcurrent protection
◆ Combination pulse by pulse & hiccup mode current limit
◆ High efficiency synchronous switching
◆ Up to 100% Duty cycle range
◆ Synchronization to external clock
◆ 10-Pin MSOP surface mount package. Available in Lead-free package, fully WEEE and RoHS compliant

Applications
◆ Distributed power architecture
◆ Servers/workstations
◆ Local microprocessor core power supplies
◆ DSP and I/O power supplies
◆ Battery powered applications
◆ Telecommunication equipment
◆ Data processing applications




Similar Part No. - SC4601

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602AEVB SEMTECH-SC4602AEVB Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602AIMSTR SEMTECH-SC4602AIMSTR Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602AIMSTRT SEMTECH-SC4602AIMSTRT Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4602BEVB SEMTECH-SC4602BEVB Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
More results


Similar Description - SC4601

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
Low Input, High Efficiency Synchronous, Step Down Controller
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
High Efficiency, Synchronous Step-Down Controller
logo
STMicroelectronics
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com