Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4601 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4601
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4601 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4601 Datasheet HTML 1Page - Semtech Corporation SC4601 Datasheet HTML 2Page - Semtech Corporation SC4601 Datasheet HTML 3Page - Semtech Corporation SC4601 Datasheet HTML 4Page - Semtech Corporation SC4601 Datasheet HTML 5Page - Semtech Corporation SC4601 Datasheet HTML 6Page - Semtech Corporation SC4601 Datasheet HTML 7Page - Semtech Corporation SC4601 Datasheet HTML 8Page - Semtech Corporation SC4601 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC4601
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
)
.
t
n
o
C
(
r
e
i
f
il
p
m
A
r
o
r
r
E
h
g
i
H
P
M
O
C
VI
P
M
O
C
A
m
2
-
=8
.
21
.
3V
w
o
L
P
M
O
C
VI
P
M
O
C
A
m
2
=5
1
.
03
.
0V
r
o
t
a
ll
i
c
s
O
y
c
a
r
u
c
c
A
l
a
it
i
n
IT
A
H
G
I
H
=
P
E
E
L
S
/
C
N
Y
S
V
,
C
°
5
2
=0
6
20
0
30
4
3z
H
k
y
c
n
e
u
q
e
r
F
n
o
it
a
r
e
p
O
m
u
m
i
n
i
M
)
1
(
0
0
1z
H
k
y
c
n
e
u
q
e
r
F
n
o
it
a
r
e
p
O
m
u
m
i
x
a
M
)
1
(
0
0
6z
H
k
d
l
o
h
s
e
r
h
T
w
o
L
P
E
E
L
S
/
C
N
Y
SV
N
I ≤
V
6
.
38
.
0V
d
l
o
h
s
e
r
h
T
h
g
i
H
P
E
E
L
S
/
C
N
Y
SV
N
I ≤
V
6
.
30
.
2V
y
e
ll
a
V
o
t
k
a
e
P
p
m
a
R
)
1
(
3
.
15
.
17
.
1V
e
g
a
tl
o
V
k
a
e
P
p
m
a
R
)
1
(
5
8
.
19
.
1V
e
g
a
tl
o
V
y
e
ll
a
V
p
m
a
R
)
1
(
3
.
05
3
.
0V
t
i
m
i
L
t
n
e
r
r
u
C
,
t
r
a
t
S
t
f
o
S
,
p
e
e
l
S
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
p
e
e
l
SV
0
=
P
E
E
L
S
/
C
N
Y
S
V1
-A
µ
e
m
i
T
t
r
a
t
S
tf
o
S
)
1
(
4
.
2s
m
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
CT
,t
n
e
r
r
u
C
s
a
i
B
J
C
°
5
2
=3
4
-0
5
-7
5
-A
µ
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T5
1
.
0C
°
/
%
e
m
i
T
k
n
a
l
B
ti
m
i
L
t
n
e
r
r
u
C
)
1
(
0
5
1s
n
s
t
u
p
t
u
O
r
e
v
i
r
D
l
e
n
n
a
h
C
-
P
d
n
a
l
e
n
n
a
h
C
-
N
)
V
R
D
P
(
e
c
n
a
t
s
i
s
e
R
p
U
ll
u
P
)
2
(
I
,
V
3
.
3
=
c
c
V
T
U
O
)
e
c
r
u
o
s
(
A
m
0
0
1
-
=3
s
m
h
o
)
V
R
D
P
(
e
c
n
a
t
s
i
s
e
R
n
w
o
D
ll
u
P
)
2
(
I
,
V
3
.
3
=
c
c
V
T
U
O
)
k
n
i
s
(
A
m
0
5
=3
s
m
h
o
)
V
R
D
N
(
e
c
n
a
t
s
i
s
e
R
p
U
ll
u
P
)
2
(
I
,
V
3
.
3
=
c
c
V
T
U
O
)
e
c
r
u
o
s
(
A
m
0
0
1
-
=3
s
m
h
o
)
V
R
D
N
(
e
c
n
a
t
s
i
s
e
R
n
w
o
D
ll
u
P
)
2
(
I
,
V
3
.
3
=
c
c
V
T
U
O
)
k
n
i
s
(
A
m
0
0
1
=3
s
m
h
o
e
m
i
T
e
s
i
R
t
u
p
t
u
O
V
R
D
P
)
1
(
C
,
V
3
.
3
=
s
g
V
T
U
O
F
n
0
.
1
=9
s
n
e
m
i
T
ll
a
F
t
u
p
t
u
O
V
R
D
P
)
1
(
C
,
V
3
.
3
=
s
g
V
T
U
O
F
n
0
.
1
=2
1s
n
Unless otherwise specified, V
CC = 3.3V, RT = 59Kohm, TA = -40°C to 85°C, TA = TJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com