Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10103CC02T-XCFNH Datasheet (PDF) - Ashcroft, Inc.

10103CC02T-XCFNH Datasheet PDF - Ashcroft, Inc.
Part # 10103CC02T-XCFNH
Download  10103CC02T-XCFNH Download
File Size   670.24 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 102/103, 202/203, 302/303 Flanged Diaphragm Seal

10103CC02T-XCFNH Datasheet (PDF)

Go To PDF Page Download Datasheet
10103CC02T-XCFNH Datasheet PDF - Ashcroft, Inc.

Part # 10103CC02T-XCFNH
Download  10103CC02T-XCFNH Click to download

File Size   670.24 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 102/103, 202/203, 302/303 Flanged Diaphragm Seal

10103CC02T-XCFNH Datasheet (HTML) - Ashcroft, Inc.


10103CC02T-XCFNH Product details

FEATURES
316L stainless steel top housing (standard)
A thin PTFE gasket between the diaphragm/bottom housing ensures a leak-tight, corrosion resistant seal
Continuous duty design prevents loss of process fluid if pressure instrument is removed or fails
Modular design allows for a suitable combination of wetted and non-wetted materials for every application




Similar Part No. - 10103CC02T-XCFNH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10103 ETC2-10103 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
PHOENIX CONTACT
1010301 PHOENIX-1010301 Datasheet
323Kb / 8P
TMC 83C 60A - Miniature Circuit Breaker
1010305 PHOENIX-1010305 Datasheet
323Kb / 8P
TMC 83C 40A - Miniature Circuit Breaker
1010328 PHOENIX-1010328 Datasheet
229Kb / 8P
Consistent design of all Phoenix Contact Vehicle Connectors and Infrastructure Plugs
logo
FCI connector
10103592 FCI-CONNECTOR-10103592 Datasheet
205Kb / 1P
MICRO-USB B-TYPE REVERSE
More results


Similar Description - 10103CC02T-XCFNH

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VI-302-DP VARITRONIX-VI-302-DP Datasheet
36Kb / 1P
VI-302-DP
logo
TRINAMIC Motion Control...
BB-323 TRINAMIC-BB-323 Datasheet
447Kb / 1P
Baseboard for TMCM-323 and TMCM-302/TMCM-342 or TMCM-303/TMCM-343
TMCM-EVAL TRINAMIC-TMCM-EVAL Datasheet
474Kb / 1P
Evaluation Base board for TMCM-100, TMCM-301, TMCM-302 or TMCM-303
logo
Fuji Electric
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
STMicroelectronics
STM3210G-SK STMICROELECTRONICS-STM3210G-SK Datasheet
167Kb / 4P
Keil™ starter kit for STM32F100/101/102/103 lines (with STM32F103ZG MCU)
September 2013 Rev 1
logo
CUI Devices
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com