Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10103CC02T-XCFNH Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # 10103CC02T-XCFNH
Description  102/103, 202/203, 302/303 Flanged Diaphragm Seal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

10103CC02T-XCFNH Datasheet(HTML) 5 Page - Ashcroft, Inc.

  10103CC02T-XCFNH Datasheet HTML 1Page - Ashcroft, Inc. 10103CC02T-XCFNH Datasheet HTML 2Page - Ashcroft, Inc. 10103CC02T-XCFNH Datasheet HTML 3Page - Ashcroft, Inc. 10103CC02T-XCFNH Datasheet HTML 4Page - Ashcroft, Inc. 10103CC02T-XCFNH Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
102/103, 202/203, 302/303 Flanged Diaphragm Seal
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
© 2021 Ashcroft Inc. 102_flanged_seal_ds_RevD_02-17-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 5
5
A
B
C
Nuts, bolts & flange by user
Flushing connection
1
⁄8 NPT for 11⁄2"
1
⁄4 NPT for 2" & 3"
Flange
A
B
C
Size Rating #
in
mm
in
mm
in
mm
150
5
(127)
11⁄2˝ 300 or 600
61⁄4
(159)
3
(76)
21⁄16
(52)
900 or 1500
7
(178)
150
6
(152)
2˝
300 or 600
61⁄2
(165) 311⁄32 (84)
23⁄8
(60)
900 or 1500 81⁄2
(215)
150
71⁄2
(191)
33⁄32
(79)
27⁄32
(56)
3˝
300 or 600
81⁄4
(210)
33⁄16
(81)
27⁄32
(57)
900
91⁄2
(241)
323⁄32 (94)
23⁄4
(70)
1500
101⁄2 (267)
103, 203, 303 – Flanged 11⁄2,˝ 2,˝ 3˝
(raised face only) one piece bottom housing with
flushing connection
A
B
Nuts & flange by user
Flange
A
B
Size
Rating #
in
mm
in
mm
150
31⁄2
(89)
215⁄16
(75)
1
⁄2˝
300 or 600
33⁄4
(95)
3
(76)
900 or 1500
43⁄4
(121)
33⁄16
(81)
150
37⁄8
(98)
213⁄16
(71)
3
⁄4˝
300 or 600
45⁄8
(117)
3
(76)
900 or 1500
51⁄8
(130)
33⁄16
(81)
B
C
D
A
Flange
A
B
C
Size
Rating#
in.
mm
in.
mm
in.
mm
1
150
4-1/4 (100)
300or 600
5
(127) 2-9/16 (65)
1-23/32 (69)
103& 203only
Flange
D
E
Size
Rating#
in.
mm
in.
mm
1
150
300or 600 1-5/8 (41)
3/8
(9)
“E”
BOTTOM OF HOUSING
TO CL OF 1⁄8 NPT
FLUSHING PORT
TYPES 103 & 203 ONLY
“E”
A
D B
C
BOTTOM OF HOUSING
TO CL OF 1⁄8 NPT
FLUSHING PORT
TYPES 103 & 203 ONLY
Flange
A
B
C
Size
Rating#
in.
mm
in.
mm
in.
mm
1
900or 1500 5-7/8 (149)
2500
6-1/4 (159) 2-7/8 (73)
2-1/4 (57)
103& 203only
Flange
D
E
Size
Rating#
in.
mm
in.
mm
1
900or 1500
2500
3-3/8 (86)
3/8
(9)
A
B
Nuts & flange by user
1
⁄4 NPT
flushing
connection
Flange
A
B
Size
Rating #
in
mm
in
mm
150
31⁄2
(89)
215⁄16
(75)
1
⁄2˝
300 or 600
33⁄4
(95)
3
(76)
900 or 1500
43⁄4
(121)
33⁄16
(81)
150
37⁄8
(98)
213⁄16
(71)
3
⁄4˝
300 or 600
45⁄8
(117)
3
(76)
A
B
C
Nuts, bolts & flange by user
Flange
A
B
C
Size Rating #
in
mm
in
mm
in
mm
11⁄2˝
150
5
(127)
25⁄16
(59)
113⁄32
(39)
2˝
150
6
(152)
21⁄8
(54)
19⁄16
(40)
A
B
Nuts & flange by user
1
⁄4 NPT
flushing
connection
Flange
A
B
Size
Rating #
in
mm
in
mm
150
31⁄2
(89)
215⁄16
(75)
1
⁄2˝
300 or 600
33⁄4
(95)
3
(76)
900 or 1500
43⁄4
(121)
33⁄16
(81)
150
37⁄8
(98)
213⁄16
(71)
3
⁄4˝
300 or 600
45⁄8
(117)
3
(76)
102, 202, 302 -
Flanged Process Connection
1
⁄2,˝ 3⁄4,˝ NPT
102, 202, 302 – Flanged Procees Connection
- one piece bottom housing
11⁄2,˝ 2,˝ 3˝ (raised face only) - all materials
except PVC, PTFE and Kynar
102, 202,103, 203 – Flanged 1˝ (raised face
only) one piece bottom housing, with and with-
out flushing connection
102, 202, 302 – Flanged Process Connection
- (raised face only) two piece bottom housing,
11⁄2,˝ 2,˝ - PVC, PTFE and Kynar
103, 203, 303 –
Flanged Process Connection
1
⁄2,˝ 3⁄4˝ NPT (with flushing conection)
102, 202,103, 203 – Flanged 1˝ (raised face
only) one piece bottom housing, with and with-
out flushing connection
DIMENSIONS in [ ] are millimeters
Flange
A
B
C
Size
Rating #
in
mm
in
mm
in
mm
11⁄2˝
150
5
[127] 2.31 [59] 1.41 [39]
2˝
150
6
[150] 2.13 [55] 1.56 [40]
Flange
A
B
C
Size
Rating #
in
mm
in
mm
in
mm
11⁄2˝
150
5.00 [127] 2.38 [60] 1.50 [38]
300 or 600
6.25 [159] 2.38 [60] 1.50 [38]
900 or 1500 7.00 [178] 2.80 [71] 1.50 [38]
2˝
150
6.00 [152] 2.94 [75] 1.34 [35]
300 or 600
6.50 [165] 2.94 [75] 1.50 [38]
900 or 1500 8.50 [216] 2.94 [75] 1.50 [38]
3˝
150
7.50 [191] 2.00 [51] 1.63 [41]
300 or 600
8.50 [216] 2.38 [60] 1.47 [37]
900
9.50 [241] 3.00 [76] 2.09 [53]
1500
10.50 [267] 3.00 [76] 2.09 [53]
Flange
A
B
C
Size
Rating #
in
mm
in
mm
in
mm
11⁄2˝
150
5.00 [127] 3.00 [76] 2.06 [52]
300 or 600
6.25 [159] 3.00 [76] 2.06 [52]
900 or 1500 7.00 [178] 3.00 [76] 2.06 [52]
2˝
150
6.00 [152] 3.53 [90] 2.38 [60]
300 or 600
6.50 [165] 3.53 [90] 2.38 [60]
900 or 1500 8.50 [216] 3.53 [90] 2.38 [60]
3˝
150
7.50 [191] 3.09 [78] 2.22 [56]
300 or 600
8.50 [216] 3.03 [77] 2.15 [55]
900
9.50 [241] 3.63 [92] 2.72 [69]
1500
10.50 [267] 3.63 [92] 2.72 [69]
Flange
A
B
Size
Rating #
in
mm
in
mm
150
3.50
[89]
2.94
[75]
1
⁄2˝
300 or 600
3.75
[95]
3
[76]
900 or 1500
4.75
[98]
3.19
[81]
3/4˝
150
3.88
[152]
2.81
[71]
300 or 600
4.63
[117]
3
[76]
Flange
A
B
Size
Rating #
in
mm
in
mm
1
⁄2˝
150
3.50
[89]
2.94
[75]
300 or 600
3.75
[95]
3
[76]
900 or 1500
4.75
[98]
3.19
[81]
3/4˝
150
3.88
[152]
2.81
[71]
300 or 600
4.63
[117]
3
[76]
900 or 1500
5.13
[130]
3.19
[81]
Flange
A
B
C
Size
Rating #
in
mm
in
mm
in
mm
1˝
900 or 1500
5.88 [149]
2.88 [73] 2.25 [57]
2500
6.25 [159]
Flange
D
102 & 203 only
E
Size
Rating #
in
mm
in
mm
1˝
900 or 1500
2
3.38
[86]
0.38
[9]
2500
Flange
A
B
C
Size
Rating #
in
mm
in
mm
in
mm
1˝
150
4.25 [100]
2.56 [65] 1.72 [69]
300 or 600
5
[127]
Flange
D
103 & 203 only
E
Size
Rating #
in
mm
in
mm
1˝
150
2
1.63
[41]
0.38
[9]
300 or 600
For reference only, consult Ashcroft for specific dimensional drawings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com