Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810B Datasheet (PDF) - Semtech Corporation

SC4810B Datasheet PDF - Semtech Corporation
Part # SC4810B
Download  SC4810B Download
File Size   362.11 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay

SC4810B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4810B Datasheet PDF - Semtech Corporation

Part # SC4810B
Download  SC4810B Click to download

File Size   362.11 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay

SC4810B Datasheet (HTML) - Semtech Corporation


SC4810B Product details

Description
The SC4810B/E is a 16 pin BICMOS primary side PWM controller for use in Isolated DC-DC and off-line switching power supplies. It is a highly integrated solution, requiring few external components. It features a high frequency of operation, accurately programmable maximum duty cycle, current mode control, line voltage monitoring, supply UVLO, low start-up current, and programmable soft start with user accessible reference. It operates in a fixed frequency, highly desirable for Telecom applications.

Features
◆ Operation to 1MHz
◆ Accurate programmable maximum duty cycle
◆ Line voltage monitoring
◆ External frequency synchronization
◆ Bi-phase mode of operation for low ripple
◆ Independent programmable delays
◆ Hiccup mode current limit
◆ Under 250µA start-up current
◆ Programmable maximum volt-second clamp
◆ Accessible reference voltage
◆ VDD undervoltage lockout
◆ -40°C to 105°C operating temperature
◆ 16 lead TSSOP or MLPQ lead free packages. Both fully WEEE and RoHS compliant

Applications
◆ Telecom equipment and power supplies
◆ Networking power supplies
◆ Power over LAN applications
◆ Industrial power supplies
◆ Isolated power supplies
◆ VoIP phones




Similar Part No. - SC4810B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4810B SEMTECH-SC4810B Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BIMLTRT SEMTECH-SC4810BIMLTRT Datasheet
366Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BIMLTRT SEMTECH-SC4810BIMLTRT Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BITSTRT SEMTECH-SC4810BITSTRT Datasheet
366Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BITSTRT SEMTECH-SC4810BITSTRT Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
More results


Similar Description - SC4810B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
SC4810B SEMTECH-SC4810B_16 Datasheet
366Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810A SEMTECH-SC4810A Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com