Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4357 Datasheet (PDF) - Maxim Integrated Products

MAX4357 Datasheet PDF - Maxim Integrated Products
Part # MAX4357
Download  MAX4357 Download
File Size   792.22 Kbytes
Page   42 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers

MAX4357 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4357 Datasheet PDF - Maxim Integrated Products

Part # MAX4357
Download  MAX4357 Click to download

File Size   792.22 Kbytes
Page   42 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers

MAX4357 Datasheet (HTML) - Maxim Integrated Products


MAX4357 Product details

General Description
The MAX4357 is a 32 ✕ 16 highly integrated video crosspoint switch matrix with input and output buffers. This device operates from dual ±3V to ±5V supplies or from a single +5V supply. Digital logic is supplied from an independent single +2.7V to +5.5V supply. All inputs and outputs are buffered, with all outputs able to drive standard 75Ω reverse-terminated video loads.
The switch matrix configuration and output buffer gain are programmed through an SPI™/QSPI™-compatible, 3-wire serial interface and initialized with a single update signal. The unique serial interface operates in two modes facilitating both fast updates and initialization. On power-up, all outputs are initialized in the disabled state to avoid output conflicts in large-array configurations.
Superior flexibility, high integration, and space-saving packaging make this nonblocking switch matrix ideal for routing video signals in security and video-on-demand systems.
The MAX4357 is available in a 128-pin TQFP package and specified over an extended -40°C to +85°C temperature range.

Features
♦ 32 ✕ 16 Nonblocking Matrix with Buffered Inputs and Outputs
♦ Operates from ±3V, ±5V, or +5V Supplies
♦ Each Output Individually Addressable
♦ Individually Programmable Output Buffer Gain
   (AV = +1V/V or +2V/V)
♦ High-Impedance Output Disable for Wired-OR Connections
♦ 0.1dB Gain Flatness to 12MHz
♦ Minimum -62dB Crosstalk, -110dB Isolation at 6MHz
♦ 0.05%/0.1° Differential Gain/Differential Phase Error
♦ Low 220mW Power Consumption (0.43mW per point)

Applications
   Security Systems
   Video Routing
   Video-On-Demand Systems




Similar Part No. - MAX4357

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4357ECD MAXIM-MAX4357ECD Datasheet
823Kb / 42P
32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 1; 5/09
MAX4357 MAXIM-MAX4357_09 Datasheet
823Kb / 42P
32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 1; 5/09
More results


Similar Description - MAX4357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
logo
Maxim Integrated Produc...
MAX4358 MAXIM-MAX4358 Datasheet
1,004Kb / 43P
32 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4356 MAXIM-MAX4356 Datasheet
842Kb / 41P
16x16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4357 MAXIM-MAX4357_09 Datasheet
823Kb / 42P
32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 1; 5/09
logo
Analog Devices
AD8104 AD-AD8104 Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com