Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT81018 Datasheet (PDF) - Holtek Semiconductor Inc

HT81018 Datasheet PDF - Holtek Semiconductor Inc
Part # HT81018
Download  HT81018 Download
File Size   206.12 Kbytes
Page   19 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description EasyVoiceTM Speech

HT81018 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT81018 Datasheet PDF - Holtek Semiconductor Inc

Part # HT81018
Download  HT81018 Click to download

File Size   206.12 Kbytes
Page   19 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description EasyVoiceTM Speech

HT81018 Datasheet (HTML) - Holtek Semiconductor Inc


HT81018 Product details

General Description
The EasyVoiceTM is a single-chip voice synthesizer LSI . The chip when triggered drives a speaker directly or through an external transistor with a PWM output. Negligible current is consumed in the standby state.

Features
• Operating voltage: 2.4V~5V
• Directly drives an external transistor
• PWM function directly driver speaker
• Low standby current (1A typ. for VDD=3V)
• Minimal external components
• 240 notes table ROM for key functions
• Programmable silence length and end-pulse width (minimal end-pulse width is 1.3ms at 8kHz sampling rate)
• Controllable volume
• FLAG1 options
    - End-pulse output
    - 3Hz, 3HzB flash
    - 6Hz, 6HzB flash
    - Busy output
    - OFF
• FLAG2 options
    - 3Hz flash
    - 6Hz flash
    - Busy output
    - OFF
• 6 keys (Directed)
• 8 keys (Matrix key)
• Key options
    - Sequential/Directed
    - Repeat (KEY2~KEY6)
    - STOP key (KEY6)
    - Key debounce time: 1.2ms, 22ms, 45ms (based on a 8kHz sampling rate)
    - One shot/Normal
    - Pull-high resistance: 0, 50kΩ, 100kΩ, 200kΩ
• Section options
     Retriggerable
     Non-retriggerable
• Dice form or 16-pin DIP package

Applications
• Leisure products
• Alarm clocks
• Alert and warning system
• Sound effect generators




Similar Part No. - HT81018

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81018 HOLTEK-HT81018 Datasheet
230Kb / 19P
EasyVoice Speech
March 1, 2005
More results


Similar Description - HT81018

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN67007 SONIX-SN67007 Datasheet
101Kb / 5P
Speech Controller
SN67013 SONIX-SN67013 Datasheet
102Kb / 4P
Speech Controller
SN67025 SONIX-SN67025 Datasheet
103Kb / 4P
Speech Controller
SN67040 SONIX-SN67040 Datasheet
103Kb / 5P
Speech Controller
SN67061 SONIX-SN67061 Datasheet
102Kb / 4P
Speech Controller
SN68340 SONIX-SN68340 Datasheet
104Kb / 5P
Speech Controller
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
SPEECH RECOGNITION
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
Speech Synthesizer
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003_02 Datasheet
142Kb / 8P
EasyVoiceTM 3-Second Speech
January 22, 2002
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com