Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT81003 Datasheet (PDF) - Holtek Semiconductor Inc

HT81003 Datasheet PDF - Holtek Semiconductor Inc
Part # HT81003_02
Download  HT81003 Download
File Size   142.2 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description EasyVoiceTM 3-Second Speech

HT81003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT81003 Datasheet PDF - Holtek Semiconductor Inc

Part # HT81003_02
Download  HT81003 Click to download

File Size   142.2 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description EasyVoiceTM 3-Second Speech

HT81003 Datasheet (HTML) - Holtek Semiconductor Inc


HT81003 Product details

General Description
The HT81003 is a Mask ROM type. The HT81003 is a single-chip voice synthesizer LSI with 3-second voice capacity at 5kHz sampling rate. The chip when triggered drives a speaker through an external transistor with a PWM output. Negligible current is consumed in the standby state.

Features
• Operating voltage: 2.4V~5V
• Directly drives an external transistor
• PWM function directly driver speaker
• Low standby current (1A typ. for VDD=3V)
• Minimal external components
• 240 notes table ROM for key functions
• Programmable silence length and end-pulse width (minimal end-pulse width is 1.3ms at 8kHz sampling rate)
• 3-sec voice capacity (based on a 5kHz sampling rate)
• Controllable volume
• FLAG1 options
   - End-pulse output
   - 3Hz, 3HzB flash
   - 6Hz, 6HzB flash
   - Busy output
   - OFF
• FLAG2 options
   - 3Hz flash
   - 6Hz flash
   - Busy output
   - OFF
• 2 keys
• Key options
   - Sequential/Directed
   - Repeat (KEY2)
   - STOP key (KEY2)
   - Key debounce time: 1.2ms, 22ms, 45ms (based on a 8kHz sampling rate)
   - One shot/Normal
   - Pull-high resistance: 0, 50kΩ, 100kΩ, 200kΩ
• Section options
   - Retriggerable
   - Non-retriggerable
• Dice form or 16-pin DIP package

Applications
• Leisure products
• Alarm clocks
• Public address system
• Alert and warning system
• Sound effect generators




Similar Part No. - HT81003_02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
HT81003 HOLTEK-HT81003 Datasheet
230Kb / 19P
EasyVoice Speech
March 1, 2005
HT81003 HOLTEK-HT81003 Datasheet
206Kb / 19P
EasyVoiceTM Speech
November 21, 2006
More results


Similar Description - HT81003_02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
HT812D0 HOLTEK-HT812D0 Datasheet
614Kb / 15P
2.8 Second LOG-PCM Speech
5th May 98
HT813D0 HOLTEK-HT813D0 Datasheet
574Kb / 12P
5.6 Second LOG-PCM Speech
5th May 98
HT814D0 HOLTEK-HT814D0 Datasheet
162Kb / 15P
8.4-Second LOG-PCM Speech
March 15, 2000
HT815D0 HOLTEK-HT815D0 Datasheet
165Kb / 15P
11.2-Second LOG-PCM Speech
March 15, 2000
HT817D0 HOLTEK-HT817D0 Datasheet
162Kb / 15P
16.8-Second LOG-PCM Speech
March 15, 2000
HT818D0 HOLTEK-HT818D0 Datasheet
160Kb / 14P
22.4-Second LOG-PCM Speech
March 15, 2000
HT819D0 HOLTEK-HT819D0 Datasheet
569Kb / 13P
4.2 Second LOG-PCM Speech
6th May 98
HT81XXX HOLTEK-HT81XXX Datasheet
206Kb / 19P
EasyVoiceTM Speech
November 21, 2006
logo
Nuvoton Technology Corp...
N588H NUVOTON-N588H Datasheet
939Kb / 20P
3-CHANNEL SPEECHMELODY
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com