Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT818D0 Datasheet (PDF) - Holtek Semiconductor Inc

HT818D0 Datasheet PDF - Holtek Semiconductor Inc
Part # HT818D0
Download  HT818D0 Download
File Size   160.2 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 22.4-Second LOG-PCM Speech

HT818D0 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT818D0 Datasheet PDF - Holtek Semiconductor Inc

Part # HT818D0
Download  HT818D0 Click to download

File Size   160.2 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 22.4-Second LOG-PCM Speech

HT818D0 Datasheet (HTML) - Holtek Semiconductor Inc


HT818D0 Product details

General Description
The HT818D0 is a single chip LOG-PCM voice synthesizer LSI with 22.4-second voice capacity at a 6kHz sampling rate. The chip when triggered drives a speaker through an external transistor with a current switch D/A converter output. Negligible current will be consumed in the standby state.

Features
• Operating voltage: 3.6V~5.0V
• Directly drives an external transistor
• Low standby current (1μA typ. for VDD=3V)
• Minimal external components
• 508 words table ROM for key functions
• Programmable silence length and end-pulse width (minimal end-pulse width is 330μs at a 6kHz sampling rate)
• 22.4-second voice capacity (based on a 6kHz sampling rate)
• Section options
    - Retriggerable
    - Non-retriggerable
• FLAG1 options
    - End-pulse output
    - 3HzB flash
    - 6HzB flash
    - Voice output indication
    - Busy output
• FLAG2 options
    - 3Hz flash
    - 6Hz flash
    - Busy output
• Controllable volume
• 12 keys
• Key options
    - Stop key: KEY12
    - Random (only for KEY1)
    - Sequential (only for KEY1)
    - Repeat (for all KEYs)
    - Key debounce time (for all KEYs): 700μs, 22ms, 45ms, 180ms (based on a 6kHz sampling rate)
    - One shot (for all KEYs)
    - Level-trigger
    - Pull-high resistance (for all KEYs)
• Dice form or 20/24-pin DIP/SOP package

Applications
• Leisure products
• Alarm clocks
• Public address system
• Alert and warning system
• Sound effect generators




Similar Part No. - HT818D0

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
HT81-00552 BITECH-HT81-00552 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
HT81-00553 BITECH-HT81-00553 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
HT81-00628 BITECH-HT81-00628 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
HT81-00629 BITECH-HT81-00629 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
More results


Similar Description - HT818D0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
HT812D0 HOLTEK-HT812D0 Datasheet
614Kb / 15P
2.8 Second LOG-PCM Speech
5th May 98
HT813D0 HOLTEK-HT813D0 Datasheet
574Kb / 12P
5.6 Second LOG-PCM Speech
5th May 98
HT814D0 HOLTEK-HT814D0 Datasheet
162Kb / 15P
8.4-Second LOG-PCM Speech
March 15, 2000
HT815D0 HOLTEK-HT815D0 Datasheet
165Kb / 15P
11.2-Second LOG-PCM Speech
March 15, 2000
HT817D0 HOLTEK-HT817D0 Datasheet
162Kb / 15P
16.8-Second LOG-PCM Speech
March 15, 2000
HT819D0 HOLTEK-HT819D0 Datasheet
569Kb / 13P
4.2 Second LOG-PCM Speech
6th May 98
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
Log Amplifier
August 1999
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003_02 Datasheet
142Kb / 8P
EasyVoiceTM 3-Second Speech
January 22, 2002
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
LOG AMPLIFIER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com