Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT818D0 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT818D0
Description  22.4-Second LOG-PCM Speech
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT818D0 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT818D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pad No.
Pad Name
I/O
Internal
Connection
Description
8
FLAG1
O
NMOS
Open Drain
3HzB/6HzB flash output, busy output,
end-pulse or voice output indication (by mask
option). Open drain, active low output.
9
VSS
¾¾
Negative power supply, ground
10
FLAG2
O
NMOS
Open Drain
3Hz/6Hz flash output or busy output (by mask
option). Open drain, active low output.
11~19
KEY1~KEY9
I
Pull-high
Trigger key, low active. Key features such as
debounce time, pull-high resistance and repeat
are all by mask option.
Absolute Maximum Ratings
Supply Voltage ................................-0.3V to 6V
Storage Temperature ................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature .............-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3.6
¾
5.0
V
IDD
Operating Current
3V
No load
¾
200
400
mA
ISTB
Standby Current
3V
¾¾
13
mA
IO
Max. AUD Output Current
3V
VOH=0.6V
-1.5
-2
¾
mA
IOL
FLAG Sink Current
3V
VOL=0.3V
1.5
3.0
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillating Frequency
3V
ROSC=530kW
76
96
116
kHz
HT818D0
4
March 15, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com