Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ1585C Datasheet (PDF) - Semtech Corporation

EZ1585C Datasheet PDF - Semtech Corporation
Part # EZ1585C
Download  EZ1585C Download
File Size   156.48 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4.6 Amp Positive Voltage Regulator

EZ1585C Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1585C Datasheet PDF - Semtech Corporation

Part # EZ1585C
Download  EZ1585C Click to download

File Size   156.48 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4.6 Amp Positive Voltage Regulator

EZ1585C Datasheet (HTML) - Semtech Corporation


EZ1585C Product details

Description
The EZ1585 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at up to 4.6A. Additionally, the EZ1585 series provides excellent regulation over variations in line, load and temperature.

Features
◆ Low dropout voltage: 1.3V max. for EZ1585C and 1.4V max. for EZ1585I
◆ Full current rating over line and temperature
◆ Fast transient response
◆ ±2% total output regulation over line, load and temperature
◆ Adjust pin current max 90µA over temperature
◆ Fixed/adjustable output voltage (EZ1585C)
◆ Line regulation typically 0.015%
◆ Load regulation typically 0.05%
◆ Industrial temperature range (EZ1585I)
◆ TO-220 and TO-263 packages. Available in RoHS compliant package

Applications
◆ Printer and plotter supplies
◆ Instrumentation
◆ Medical equipment
◆ Microcontroller systems
◆ Telecommunication systems
◆ Motherboards
◆ Switching supply post regulation




Similar Part No. - EZ1585C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1585CM SEMTECH-EZ1585CM Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585CM-3.3 SEMTECH-EZ1585CM-3.3 Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585CT SEMTECH-EZ1585CT Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585CT-3.3 SEMTECH-EZ1585CT-3.3 Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Similar Description - EZ1585C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1083 SEMTECH-EZ1083 Datasheet
89Kb / 4P
7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1085 SEMTECH-EZ1085 Datasheet
100Kb / 4P
3.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com