Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ1084 Datasheet (PDF) - Semtech Corporation

EZ1084 Datasheet PDF - Semtech Corporation
Part # EZ1084
Download  EZ1084 Download
File Size   76.17 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 5.0 AMP POSITIVE VOLTAGE REGULATOR

EZ1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1084 Datasheet PDF - Semtech Corporation

Part # EZ1084
Download  EZ1084 Click to download

File Size   76.17 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 5.0 AMP POSITIVE VOLTAGE REGULATOR

EZ1084 Datasheet (HTML) - Semtech Corporation


EZ1084 Product details

Description

The EZ1084 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at up to 5A. Additionally, the EZ1084 series provides excellent regulation over variations in line, load and temperature.



Features

Low dropout voltage: 1.3V max. for EZ1084C, 1.4V max. for EZ1084I

Full current rating over line and temperature

Fast transient response

±2% total output regulation over line, load and temperature

Adjust pin current max 90µA over temperature

Fixed/adjustable output voltage (EZ1084C)

Line regulation typically 0.015%

Load regulation typically 0.05%

Industrial temperature range (EZ1084I)

TO-220 and TO-263 packages. Available in RoHS compliant package




Similar Part No. - EZ1084

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1084CM-X.X.TR SEMTECH-EZ1084CM-X.X.TR Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
EZ1084CM-X.XTRT SEMTECH-EZ1084CM-X.XTRT Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
EZ1084CT-X.X SEMTECH-EZ1084CT-X.X Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
EZ1084CT-X.XT SEMTECH-EZ1084CT-X.XT Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
EZ1084IM.TR SEMTECH-EZ1084IM.TR Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
More results


Similar Description - EZ1084

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1083 SEMTECH-EZ1083 Datasheet
89Kb / 4P
7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1085 SEMTECH-EZ1085 Datasheet
100Kb / 4P
3.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1087 SEMTECH-EZ1087 Datasheet
80Kb / 4P
5.0 AMP REMOTE SENSE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1084 ETC-CM1084 Datasheet
191Kb / 7P
5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com