Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ1087 Datasheet (PDF) - Semtech Corporation

EZ1087 Datasheet PDF - Semtech Corporation
Part # EZ1087
Download  EZ1087 Download
File Size   80.16 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 5.0 AMP REMOTE SENSE VOLTAGE REGULATOR

EZ1087 Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1087 Datasheet PDF - Semtech Corporation

Part # EZ1087
Download  EZ1087 Click to download

File Size   80.16 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 5.0 AMP REMOTE SENSE VOLTAGE REGULATOR

EZ1087 Datasheet (HTML) - Semtech Corporation


EZ1087 Product details

DESCRIPTION
The EZ1087 5.0A voltage regulator is a monolithic integrated circuit designed for use in applications requiring a well regulated positive output voltage with low input-output differential voltage requirements and where remote sensing of the output voltage is desired to compensate for connector, wiring and pc board trace resistances or other voltage losses. Other outstanding features include full power usage up to 5.0A of load current, internal current limiting, and thermal shutdown. Specifications guarantee 3.30 VDC output from a 4.75 VDC input.

FEATURES
• Low dropout performance, 1.3V max.
• Kelvin remote sense inputs
• Line regulation typically 0.015%
• Load regulation typically 0.1%
• 5-pin TO-220 package

APPLICATIONS
• GTL+ bus supplies




Similar Part No. - EZ1087

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1082 SEMTECH-EZ1082 Datasheet
138Kb / 5P
10.0A Positive Voltage Regulator
EZ1082CT SEMTECH-EZ1082CT Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1082CT-3.3 SEMTECH-EZ1082CT-3.3 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1082CT-X.XT SEMTECH-EZ1082CT-X.XT Datasheet
138Kb / 5P
10.0A Positive Voltage Regulator
More results


Similar Description - EZ1087

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1084 ETC-CM1084 Datasheet
191Kb / 7P
5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Sensitron
SHD52624 SENSITRON-SHD52624 Datasheet
49Kb / 2P
FIXED NEGATIVE 5.0 VOLT 1.5 AMP REGULATOR
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
347Kb / 16P
Virtual Remote Sense Controller
logo
ON Semiconductor
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
Remote sense compensation
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
PRM짰 Regulator Remote Sense Only
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
Remote Sense
logo
Bytesonic Electronics C...
BY2000 BYTESONIC-BY2000 Datasheet
186Kb / 2P
5.0 AMP HIGH VOLTAGE RECTIFIERS
Version 1.0
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com