Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900A Datasheet (PDF) - Semtech Corporation

SC900A Datasheet PDF - Semtech Corporation
Part # SC900A
Download  SC900A Download
File Size   446.53 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Programmable Penta ULDO with RESET and I2C Interface

SC900A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC900A Datasheet PDF - Semtech Corporation

Part # SC900A
Download  SC900A Click to download

File Size   446.53 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Programmable Penta ULDO with RESET and I2C Interface

SC900A Datasheet (HTML) - Semtech Corporation


SC900A Product details

Description
The SC900A is a highly integrated power management device for low power portable applications. The device contains five adjustable low-dropout linear regulators (LDOs) with CMOS pass-devices as well as a band-gap reference, I2C interface, and DACs to control the output voltages.

Features
◆ Five LDO regulators in one package
◆ I2C interface with multiple device capability
◆ Independent I2C enable/disable of LDOs
◆ Independent I2C control of output voltages
◆ Low thermal impedance of 40°C per watt
◆ 150mV dropout at 150mA
◆ Input range from 2.7V to 5.5V
◆ Programmable power good flag
◆ Minimal number of external components
◆ Over temperature protection
◆ Small 4mm x 4mm 20-lead MLPQ package
◆ Small input/output filter capacitors
◆ Programmable VOUT range -
    1.45V to 3.00V for LDOs A and B
    1.75V to 3.30V for LDOs C, D and E

Applications
◆ Palmtop/Laptop computers
◆ Personal Digital Assistants
◆ Cellular telephones
◆ Battery-powered equipment
◆ High efficiency linear power supplies




Similar Part No. - SC900A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC900 SEMTECH-SC900 Datasheet
414Kb / 23P
Programmable Penta ULDO with RESET and I2C Interface
logo
Switchcraft, Inc.
SC900 SWITCH-SC900 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Freescale Semiconductor...
SC900844JVK FREESCALE-SC900844JVK Datasheet
5Mb / 118P
Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Switchcraft, Inc.
SC900CT SWITCH-SC900CT Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Semtech Corporation
SC900EVB SEMTECH-SC900EVB Datasheet
414Kb / 23P
Programmable Penta ULDO with RESET and I2C Interface
More results


Similar Description - SC900A

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Semtech Corporation
SC900 SEMTECH-SC900 Datasheet
414Kb / 23P
Programmable Penta ULDO with RESET and I2C Interface
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com