Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF150AC Datasheet (PDF) - SanRex Corporation

DF150AC Datasheet PDF - SanRex Corporation
Part # DF150AC
Download  DF150AC Download
File Size   39.64 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description Three Phase Rectifier Bridge Module

DF150AC Datasheet (PDF)

Go To PDF Page Download Datasheet
DF150AC Datasheet PDF - SanRex Corporation

Part # DF150AC
Download  DF150AC Click to download

File Size   39.64 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description Three Phase Rectifier Bridge Module

DF150AC Datasheet (HTML) - SanRex Corporation


DF150AC Product details

Three Phase Rectifier Bridge Module (Low Profile of 17mm height)

SanRex Three Phase Rectifier Bridge Module DF150AC series is designed for applications requiring low profile converter-inverter circuit designs. Thanks to the 17mm flat case height design, the DF150AC series can be connected with IGBT or MOSFET modules at the same 17mm case height. This advantage typically reduces the needed parts and manufacturing cost. It also enables level parallel connections for larger capacity, contributes reducing stray inductance, improving high efficiency and reliability.

Features
* Low Case Height of 17mm
* Enable easy parallel connection
* Very Low Forward Voltage Drop
* High Surge Current Capability
* RoHS Compliance

Typical Applications
* Welding and Plasma Cutting Machines
* Battery Chargers
* Power Supplies
* Motor Controls




Similar Part No. - DF150AC

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA160 SANREX-DF150AA160 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AB160 SANREX-DF150AB160 Datasheet
683Kb / 2P
3-PHASE DIODE
DF150AB80 SANREX-DF150AB80 Datasheet
683Kb / 2P
3-PHASE DIODE
DF150AE160 SANREX-DF150AE160 Datasheet
934Kb / 2P
3-PHASE DIODE MODULE
More results


Similar Description - DF150AC

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF75AC SANREX-DF75AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
DF100AC SANREX-DF100AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF200AC SANREX-DF200AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
logo
MacMic
MMD100E200X MACMIC-MMD100E200X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100F200X MACMIC-MMD100F200X Datasheet
348Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD150F160X MACMIC-MMD150F160X Datasheet
182Kb / 3P
150A Three-Phase Rectifier Bridge Module
MMD150F180X MACMIC-MMD150F180X Datasheet
182Kb / 3P
150A Three-Phase Rectifier Bridge Module
MMD200F200X MACMIC-MMD200F200X Datasheet
183Kb / 3P
200A Three-Phase Rectifier Bridge Module
MMD250F160X MACMIC-MMD250F160X Datasheet
183Kb / 3P
250A Three-Phase Rectifier Bridge Module
logo
Inchange Semiconductor ...
SKD160 ISC-SKD160 Datasheet
448Kb / 3P
Three-phase rectifier bridge module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com