Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF150AC Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF150AC
Description  Three Phase Rectifier Bridge Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF150AC Datasheet(HTML) 1 Page - SanRex Corporation

  DF150AC Datasheet HTML 1Page - SanRex Corporation DF150AC Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex®
Three Phase Rectifier Bridge Module
(Low Profile of 17mm height)
IF(AV)= 150A, VRRM= 800- 1800V
SanRex Three Phase Rectifier Bridge Module DF150AC series
is designed for applications requiring low profile converter-
inverter circuit designs. Thanks to the 17mm flat case height
design, the DF150AC series can be connected with IGBT
or MOSFET modules at the same 17mm case height. This
advantage typically reduces the needed parts and manufacturing
cost. It also enables level parallel connections for larger capacity,
contributes reducing stray inductance, improving high efficiency
and reliability.
Features
* Low Case Height of 17mm
* Enable easy parallel connection
* Very Low Forward Voltage Drop
* High Surge Current Capability
* RoHS Compliance
Typical Applications
* Welding and Plasma Cutting Machines
* Battery Chargers
* Power Supplies
* Motor Controls
< Maximum Ratings >
Tj = 25
°C (unless otherwise noted)
Symbol
Item
DF150AC80
DF150AC160
DF150AC180
Unit
VRRM
Repetitive Peak Reverse
Voltage
800
1600
1800
V
VRSM
Non-Repetitive Peak
Reverse Voltage
960
1700
1900
V
Symbol
Item
Conditions
Ratings
Unit
IF(AV)
Average Forward Current
Three phase, Full wave, T C = 106°C
150
A
IFSM
Surge Forward Current
1cycle, 60Hz, Peak value, non-
repetitive
1200
A
I
2 t
I
2 t (for fusing)
Value for one cycle surge current
6000
A
2s
Tj
Junction Temperature
-40 to +150
°C
Tstg
Storage Temperature
-40 to +125
°C
VISO
Isolation Voltage (R.M.S.)
A.C. 1 minute
2500
V
Mounting M5
Recommended 1.5-2.5
2.7
Mounting
Torque
Terminal M5
Recommended 1.5-2.5
2.7
N
·m
Mass
Typical Value
290
g
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com
DF150AC series
Internal schematic diagram
Isolated Package


Similar Part No. - DF150AC

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA160 SANREX-DF150AA160 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AB160 SANREX-DF150AB160 Datasheet
683Kb / 2P
3-PHASE DIODE
DF150AB80 SANREX-DF150AB80 Datasheet
683Kb / 2P
3-PHASE DIODE
DF150AE160 SANREX-DF150AE160 Datasheet
934Kb / 2P
3-PHASE DIODE MODULE
More results

Similar Description - DF150AC

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF75AC SANREX-DF75AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
DF100AC SANREX-DF100AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
DF200AC SANREX-DF200AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
logo
MacMic
MMD100E200X MACMIC-MMD100E200X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100F200X MACMIC-MMD100F200X Datasheet
348Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD150F160X MACMIC-MMD150F160X Datasheet
182Kb / 3P
150A Three-Phase Rectifier Bridge Module
MMD150F180X MACMIC-MMD150F180X Datasheet
182Kb / 3P
150A Three-Phase Rectifier Bridge Module
MMD200F200X MACMIC-MMD200F200X Datasheet
183Kb / 3P
200A Three-Phase Rectifier Bridge Module
MMD250F160X MACMIC-MMD250F160X Datasheet
183Kb / 3P
250A Three-Phase Rectifier Bridge Module
logo
Inchange Semiconductor ...
SKD160 ISC-SKD160 Datasheet
448Kb / 3P
Three-phase rectifier bridge module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com