Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K96A Datasheet (PDF) - Holtek Semiconductor Inc

HT82K96A Datasheet PDF - Holtek Semiconductor Inc
Part # HT82K96A
Download  HT82K96A Download
File Size   348.52 Kbytes
Page   46 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description USB Multimedia Keyboard Encoder 8-Bit Mask MCU

HT82K96A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82K96A Datasheet PDF - Holtek Semiconductor Inc

Part # HT82K96A
Download  HT82K96A Click to download

File Size   348.52 Kbytes
Page   46 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description USB Multimedia Keyboard Encoder 8-Bit Mask MCU

HT82K96A Datasheet (HTML) - Holtek Semiconductor Inc


HT82K96A Product details

General Description
This device is an 8-bit high performance RISC-like microcontroller designed for USB product applications. It is particularly suitable for use in products such as mice, keyboards and joystick. A HALT feature is included to reduce power consumption.

Features
• Operating voltage: fSYS=6M/12MHz: 4.4V~5.5V
• Low voltage reset function
• 32 bidirectional I/O lines (max.)
• 8-bit programmable timer/event counter with overflow interrupt
• 16-bit programmable timer/event counter and overflow interrupts
• Crystal oscillator (6MHz or 12MHz)
• Watchdog Timer
• 6 channels 8-bit A/D converter
• PS2 and USB modes supported
• USB1.1 low speed function
• 4 endpoints supported (endpoint 0 included)
• 409615 program memory ROM
• 1608 data memory RAM
• HALT function and wake-up feature reduce power consumption
• 8-level subroutine nesting
• Up to 0.33μs instruction cycle with 12MHz system clock at VDD=5V
• Bit manipulation instruction
• 15-bit table read instruction
• 63 powerful instructions
• All instructions in one or two machine cycles
• 28-pin SOP, 48-pin SSOP package




Similar Part No. - HT82K96A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
8-Bit USB Multimedia Keyboard Encoder OTP MCU
April 22, 2004
HT82K96E HOLTEK-HT82K96E Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
More results


Similar Description - HT82K96A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 22, 2005
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 24, 2005
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
Multimedia Keyboard Encoder 8-Bit Mask MCU
December 26, 2005
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 11, 2007
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
USB Multimedia Keyboard Encoder 8-Bit MCU
April 13, 2012
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
8-Bit Multimedia Keyboard Encoder Mask MCU
November 20, 2001
HT82K94E HOLTEK-HT82K94E_14 Datasheet
261Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
HT82K95EE HOLTEK-HT82K95EE_12 Datasheet
325Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
April 13, 2012
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com