Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K96A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82K96A
Description  USB Multimedia Keyboard Encoder 8-Bit Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K96A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82K96A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K96A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Pin Name
I/O
ROM Code
Option
Description
VSS
¾¾
Negative power supply, ground
PC0~PC7
I/O
Pull-high
Bidirectional I/O lines. Software instructions determine the CMOS out-
put or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
PC0 can be used as USB mouse IRPT control pin for mouse hardware
wake-up function
RES
I
¾
Schmitt trigger reset input. Active low
VDD
¾¾
Positive power supply
V33O
O
¾
3.3V regulator output
USBD+/CLK
I/O
¾
USBD+ or PS2 CLK I/O line
USB OR PS2 function is controlled by software control register
USBD-/DATA
I/O
¾
USBD- or PS2 DATA I/O line
USB or PS2 function is controlled by software control register
OSC1
OSC2
I
O
¾
OSC1, OSC2 are connected to an 6MHz or 12MHz Crystal/resonator
(determined by software instructions) for the internal system clock.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=6MHz
4.4
¾
5.5
V
fSYS=12MHz
4.4
¾
5.5
V
IDD1
Operating Current (6MHz Crystal)
5V
No load, fSYS=6MHz
¾
6.5
12
mA
IDD2
Operating Current (12MHz Crystal)
5V
No load, fSYS=12MHz
¾
7.5
16
mA
ISTB1
Standby Current (WDT Enabled)
5V
No load, system HALT,
USB suspend
¾¾
250
mA
ISTB2
Standby Current (WDT Disabled)
5V
No load, system HALT,
USB suspend
¾¾
230
mA
VIL1
Input Low Voltage for I/O Ports
5V
¾
0
¾
0.8
V
VIH1
Input High Voltage for I/O Ports
5V
¾
2
¾
5V
VIL2
Input Low Voltage (RES)5V
¾
0
¾ 0.4VDD
V
VIH2
Input High Voltage (RES)5V
¾
0.9VDD
¾
VDD
V
IOL1
I/O Port Sink Current for PB, PC1~PC7, PD
5V
VOL=3.4V
12
17
¾
mA
IOL2
I/O Port Sink Current for PB, PC1~PC7, PD
5V
VOL=0.4V
24
¾
mA
IOL3
I/O Port Sink Current for PA
5V
VOL=0.4V
510
¾
mA
HT82K96A
Rev. 1.50
4
August 25, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com