Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441A Datasheet (PDF) - Semtech Corporation

SC2441A Datasheet PDF - Semtech Corporation
Part # SC2441A
Download  SC2441A Download
File Size   1649.59 Kbytes
Page   37 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter

SC2441A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2441A Datasheet PDF - Semtech Corporation

Part # SC2441A
Download  SC2441A Click to download

File Size   1649.59 Kbytes
Page   37 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter

SC2441A Datasheet (HTML) - Semtech Corporation


SC2441A Product details

Description
The SC2441A is a programmable frequency dual independent or dual/multiple phase single output peak current-mode step-down switching regulator controller. It is capable of operating from 1.8V to 20V input. A 0.6A step-up converter in the SC2441A generates an auxiliary gate drive supply when VIN is below 4.5V. This makes the SC2441A well suited for applications where a low-voltage input (<3.3V) is to be stepped down for lower voltage logic, yet the input is too low to drive power MOSFETs efficiently.

Features
2-Phase Synchronous Step-down Controllers
◆ 2-Phase Synchronous Continuous Conduction Mode
◆ Out of Phase Operation for Low Input Current Ripple
◆ Operates up to 1MHz Per Channel
◆ Excellent Current Sharing Between Phases
◆ Duty Cycle Up to 90%
◆ 0.5V Feedback voltages for Low-Voltage Outputs
◆ Starts into Pre-biased Outputs
◆ Adaptive Shoot-through Protection
◆ Lossless Inductor DCR Current Sensing
◆ 23mV Current-limit Threshold
◆ Individual Soft-start, Overload Hiccup and Enable

Step-up Regulator
◆ 0.27V VCESAT Switch at 0.6A
◆ Fixed frequency Current-mode Control

Common Features
◆ Wide input Voltage Range: 1.8V to 20V
◆ Synchronizing Frequency Equal to that of the Stepdown Converters
◆ 28-lead TSSOP-EDP Lead-free package, fully WEEE and RoHS compliant

Applications
◆ Low voltage distributed DC-DC converters
◆ Telecommunication power supplies
◆ Servers and base stations




Similar Part No. - SC2441A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441AEVB SEMTECH-SC2441AEVB Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441ATETRT SEMTECH-SC2441ATETRT Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
More results


Similar Description - SC2441A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2441 SEMTECH-SC2441 Datasheet
718Kb / 35P
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Monolithic Power System...
MP9186 MPS-MP9186 Datasheet
866Kb / 16P
20V, 6A Synchronous Step-Down Converter
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
logo
Linear Technology
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
SHANGHAI BELLING CO., L...
BL9320 BELLING-BL9320 Datasheet
652Kb / 11P
2A, 20V Synchronous Step-Down Converter
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
2A, 20V Synchronous Step-Down Converter
logo
Linear Technology
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com