Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441 Datasheet (PDF) - Semtech Corporation

SC2441 Datasheet PDF - Semtech Corporation
Part # SC2441
Download  SC2441 Download
File Size   718.29 Kbytes
Page   35 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter

SC2441 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2441 Datasheet PDF - Semtech Corporation

Part # SC2441
Download  SC2441 Click to download

File Size   718.29 Kbytes
Page   35 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter

SC2441 Datasheet (HTML) - Semtech Corporation


SC2441 Product details

Description
The SC2441 is a high-frequency triple output switching regulator controller. It consists of a dual out-of-phase synchronous step-down PWM controller with high-current output gate drives and a 1.7A integrated step-up switching regulator.

Features
2-Phase Synchronous step-down controllers
◆ 2-Phase Synchronous Continuous Conduction Mode For High Efficiency Step-down Converters
◆ Out of Phase Operation For Low Input Current Ripples
◆ Operates Up To 1MHz Per Channel
◆ Configurable Dual Outputs Or 2-Phase Single Output Operation with Peak Current Mode Control
◆ Excellent Current Sharing Between Phases
◆ Wide Input Voltage Range: 1.8V to 15V
◆ Duty Cycle Up to 90%
◆ 0.5V Feedback Voltages For Low-Voltage Outputs
◆ Precision 50mV Current-Limit Threshold
◆ Patented Combi-sense Technique for High SNR of Current-Sensing
◆ Individual Soft-Start, Overload Shutdown and Enable

Step-up Regulator
◆ Wide Input Voltage Range: 1.8V to 15V
◆ Operates At Twice The Individual Channel Frequency Of The Buck Controllers
◆ 0.23V VCESAT Switch at 1A
◆ Fixed Frequency with Current-Mode Control

Common Features
◆ External Synchronization
◆ Industrial Temperature Range

Applications
◆ Low Voltage Distributed DC-DC Converters
◆ Telecommunication Power Supplies
◆ Servers and base stations




Similar Part No. - SC2441

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441AEVB SEMTECH-SC2441AEVB Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441AEVB SEMTECH-SC2441AEVB Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441ATETRT SEMTECH-SC2441ATETRT Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
More results


Similar Description - SC2441

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8597 MAXIM-MAX8597 Datasheet
502Kb / 24P
Low-Dropout, Wide-Input-Voltage, Step-Down Controllers
Rev 0; 11/04
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Texas Instruments
TPS62480 TI1-TPS62480 Datasheet
2Mb / 36P
2-Phase Step-Down Converter
TPS54334 TI1-TPS54334_16 Datasheet
1Mb / 37P
Synchronous Step-Down Voltage Converter
logo
Linear Technology
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com