Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2441 Datasheet HTML 1Page - Semtech Corporation SC2441 Datasheet HTML 2Page - Semtech Corporation SC2441 Datasheet HTML 3Page - Semtech Corporation SC2441 Datasheet HTML 4Page - Semtech Corporation SC2441 Datasheet HTML 5Page - Semtech Corporation SC2441 Datasheet HTML 6Page - Semtech Corporation SC2441 Datasheet HTML 7Page - Semtech Corporation SC2441 Datasheet HTML 8Page - Semtech Corporation SC2441 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2441
Very Low Input Voltage 2-Phase Synchronous
Step-down Controllers with Step-up Converter
Description
Revision: January 10, 2005
The SC2441 is a high-frequency triple output switching
regulator controller. It consists of a dual out-of-phase
synchronous step-down PWM controller with high-current
output gate drives and a 1.7A integrated step-up switch-
ing regulator.
The dual-phase step-down controller of the SC2441 can
be configured to provide two individually controlled and
regulated outputs or a single output with shared current
in each phase. The buck controller can operate from an
input voltage of at least 4.72V or they can run off a supply
generated locally with the integrated boost regulator. This
makes the SC2441 ideally suited for applications where a
low-voltage input (3.3V, 2.5V, or 1.8V) is to be stepped
down for lower voltage logic yet the input is too low to
drive power MOSFET’s efficiently. The boost regulator can
be used to provide a third auxiliary output while generat-
ing the bias for the buck controllers.
Both the step-down controllers and the step-up regulator
employ fixed frequency peak current-mode control for fast
transient response. The master oscillator frequency can
be programmed by the user.
Individual soft-start and overload shutdown timer are em-
ployed in each step-down controller for hiccup overload
protection. In single-output configuration, the channel 1
timer controls the soft-start and overload shutdown func-
tions of both controllers.
Features
Applications
Low Voltage Distributed DC-DC Converters
Telecommunication Power Supplies
Servers and base stations
2-Phase Synchronous step-down controllers
2-Phase Synchronous Continuous Conduction Mode
For High Efficiency Step-down Converters
Out of Phase Operation For Low Input Current Ripples
Operates Up To 1MHz Per Channel
Configurable Dual Outputs Or 2-Phase Single Output
Operation with Peak Current Mode Control
Excellent Current Sharing Between Phases
Wide Input Voltage Range: 1.8V to 15V
Duty Cycle Up to 90%
0.5V Feedback Voltages For Low-Voltage Outputs
Precision 50mV Current-Limit Threshold
Patented Combi-sense Technique for High SNR of Cur-
rent-Sensing
Individual Soft-Start, Overload Shutdown and Enable
Step-up Regulator
Wide Input Voltage Range: 1.8V to 15V
Operates At Twice The Individual Channel Frequency
Of The Buck Controllers
0.23V V
CESAT Switch at 1A
Fixed Frequency with Current-Mode Control
Common Features
External Synchronization
Industrial Temperature Range
L3
D3
R12
R14
C28
L1
C27
+ C1
Q1
RCS+2
R10
R7
RCS-2
+
C15
R9
C2
VO2GND
C30
RCS+1
D7
R28
C17
C23
C36
VIN
D1
R13
VO1
VINGND
R6
+
C38
R4
L2
D2
C20
R19
+
C8
C32
Q7
R3
D10
U1
SC2441
IN
1
PGND
24
GDH2
19
BST2
18
FB1
11
VPN1
26
SY NC
6
CS1+
4
PVIN
28
COMP1
12
SS1/EN1
3
CS1-
5
SS2/EN2
17
COMP2
13
FB2
14
COMP3
8
CS2-
15
CS2+
16
VPN2
2
FB3
7
BST1
25
GDH1
23
GDL1
22
GDL2
20
PH3
27
Rosc
10
GND
9
VCC
21
VO2
C24
R8
RCS-1
R17
C31
C3
VO1GND
C21
R11
C18
C19
R18
+ C4
Q6
C33
C25
R20
R16
R5
Q2
VIN
VIN
VIN
Typical Application Circuit
US patent 6,441,597
Figure 1


Similar Part No. - SC2441

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441AEVB SEMTECH-SC2441AEVB Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441AEVB SEMTECH-SC2441AEVB Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441ATETRT SEMTECH-SC2441ATETRT Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
More results

Similar Description - SC2441

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8597 MAXIM-MAX8597 Datasheet
502Kb / 24P
Low-Dropout, Wide-Input-Voltage, Step-Down Controllers
Rev 0; 11/04
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Texas Instruments
TPS62480 TI1-TPS62480 Datasheet
2Mb / 36P
2-Phase Step-Down Converter
TPS54334 TI1-TPS54334_16 Datasheet
1Mb / 37P
Synchronous Step-Down Voltage Converter
logo
Linear Technology
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com